Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1066 Datasheet(PDF) 1 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 1 Page - SMSC Corporation

  CAP1066 Datasheet HTML 1Page - SMSC Corporation CAP1066 Datasheet HTML 2Page - SMSC Corporation CAP1066 Datasheet HTML 3Page - SMSC Corporation CAP1066 Datasheet HTML 4Page - SMSC Corporation CAP1066 Datasheet HTML 5Page - SMSC Corporation CAP1066 Datasheet HTML 6Page - SMSC Corporation CAP1066 Datasheet HTML 7Page - SMSC Corporation CAP1066 Datasheet HTML 8Page - SMSC Corporation CAP1066 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
SMSC CAP1066
DATASHEET
Revision 1.1 (08-05-09)
Datasheet
PRODUCT FEATURES
CAP1066
6 Channel Capacitive Touch
Sensor with 6 LED Drivers
General Description
The CAP1066 is a multiple channel Capacitive Touch
sensor with multiple power LED drivers. It contains six
(6) individual Capacitive Touch sensor inputs with
programmable sensitivity for use in touch sensor
applications. Each sensor automatically recalibrates to
compensate for gradual environmental changes.
The CAP1066 also contains six (6) LED drivers that
offer full-on / off, variable rate blinking, dimness controls,
and breathing. Each of the LED drivers may be linked to
one of the sensors to be actuated when a touch is
detected. As well, each LED driver may be individually
controlled via a host controller.
The CAP1066 offers multiple power states operating at
low quiescent currents.
During the Standby mode of operation, one or more
Capacitive Touch Sensors are active and all LEDs may
be used. If a touch is detected, then it will wake the
system using the WAKE/SPI_MOSI pin.
The Deep Sleep mode of operation is the lowest power
state available drawing 3uA of current. During this
mode, no sensors are activethough all LEDs may be
use d . Drivin g the WAKE/SPI_MOSI pin or
communications will wake the device.
Applications
Desktop and Notebook PC’s
LCD Monitors
Printers
Appliances
Features
Six (6) Capacitive Touch Sensor Inputs
—
Programmable sensitivity
—
Automatic recalibration
—
Individual thresholds for each button
Flexible Capacitive Touch Sense algorithm
Multiple Communication interfaces
—SMBus / I2C compliant interface
—
SMSC BC-Link interface
—
SPI communications
—
Pin selectable communications protocol and multiple
slave addresses (SMBus / I2C only)
Low Power operation
—
3uA quiescent current in Deep Sleep
—
Samples one or more channels in Standby
Six (6) LED Driver Outputs
—
Open Drain or Push-Pull
—
Programmable blink, breathe, and dimness controls
—
Can be linked to Capacitive Touch Sensors
Dedicated Wake output flags touches in low power
mode
System RESET pin
Available in 20-pin 4mm x 4mm RoHS compliant
QFN package
Block Diagram
Note: I2C is a trademark of NXP semiconductor. BC-Link is a trademark of SMSC.
SMBus /
BC-Link
or SPI
Slave
Protocol
SMCLK / BC_CLK /
SPI_CLK
SMDATA BC_DATA /
SPI_MSIO/ SPI_MISO
VDD GND
ALERT# / BC_IRQ#
Capacitive Sensing Algorithm
LED1
CS1
CS2
CS3
CS4
CS5
CS6
LED Driver, Breathe,
and Dimness control
WAKE / SPI_MOSI
RESET
ADDR_COMM
SPI_CS#
LED2 LED3
LED4 LED5 LED6


Similar Part No. - CAP1066

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
5 and 6 Channel Capacitive Touch Sensor
CAP1005-1-AIA-TR SMSC-CAP1005-1-AIA-TR Datasheet
795Kb / 53P
5 and 6 Channel Capacitive Touch Sensor
CAP1006 SMSC-CAP1006 Datasheet
795Kb / 53P
5 and 6 Channel Capacitive Touch Sensor
CAP1006-1-AIA-TR SMSC-CAP1006-1-AIA-TR Datasheet
795Kb / 53P
5 and 6 Channel Capacitive Touch Sensor
CAP1006-2-AIA-TR SMSC-CAP1006-2-AIA-TR Datasheet
795Kb / 53P
5 and 6 Channel Capacitive Touch Sensor
More results

Similar Description - CAP1066

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1126 MICROCHIP-CAP1126 Datasheet
736Kb / 73P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com