Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC750LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC750LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 3
HMC750LP4 / 750LP4E
v00.1108
12.5 Gbps LIMITING AMPLIFIER
Parameter
Conditions
Min.
Typ.
Max.
Units
Rise Time
20% - 80%
23
27
ps
Fall Time
20% - 80%
21
23
ps
Data Output Swing
Differential Output Swing.
Vc1 = 3V for maximum output swing.
850
880
mV p-p
Input Return Loss
up to 10 GHz
15
dB
Output Return Loss
up to 10 GHz
8
dB
Input Sensitivity
2
mV p-p
Maximum Input Swing
1200
mV p-p
Output Offset Voltage
Vc1 = 3V for maximum output swing
3
mV
Vc1
23
V
Vout DC
4.5
4.8
V
[1] Deterministic jitter measured at 10Gbps with PRBS 223-1 pattern. It is the peak to peak deviation from the ideal time crossing
[2] Random jitter is measured with 10Gbps 10101… pattern
Electrical Specifications (Conditions)
Differential Output vs. Supply Voltage [1]
Differential Output vs. Control Voltage [2]
0
200
400
600
800
1000
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
+25C
+85C
-40C
SUPPLY VOLTAGE Vcc (V)
0
200
400
600
800
1000
1200
2.1
2.3
2.5
2.7
2.9
3.1
+25C
+85C
-40C
CONTROL VOLTAGE VC1 (V)
[1] Vc1 = 2.5V
[2] Vcc = 5V
[3] Input Data Rate = 10 Gbps
Differential Output vs. Vinput [1][2]
RMS Jitter vs. Vinput [1][2][3]
0
100
200
300
400
500
600
0.1
1
10
100
1000
Vin (mV)
0
1
2
3
4
5
6
0
100
200
300
400
500
600
Vin (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com