Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12RS103C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 12RS103C
Description  Through Hole Radial Lead Shielded Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

12RS103C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  12RS103C Datasheet HTML 1Page - Murata Power Solutions Inc. 12RS103C Datasheet HTML 2Page - Murata Power Solutions Inc. 12RS103C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_1200RSC_A01 Page 1 of 3
1200RS Series
Through Hole Radial Lead Shielded Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Radial format
Integral EMI shield
Compact size
Up to 4.6A IDC
10μH to 1mH
Low DC resistance
UL 94V-0 materials
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 1200RS Series of inductors is suitable for
power line filtering in low to medium current
applications such as switching power supply
circuits. The integral ferrite shield makes these
devices ideal for protecting circuits susceptible
to EMI.
For lower current versions with the same
footprint see our 1200LRS Series.
SELECTION GUIDE
Order Code
Inductance
(0.1V@10kHz)
DC Current1
DC Resistance
±15%
Max.
Max.
μH
A
mΩ
12RS103C
10 ±20%
4.6
23
12RS153C
15 ±20%
4.0
36
12RS223C
22 ±20%
3.3
42
12RS333C
33
2.7
57
12RS473C
47
2.2
100
12RS683C
68
1.8
150
12RS104C
100
1.4
190
12RS154C
150
1.25
230
12RS224C
220
1.10
290
12RS334C
330
0.85
510
12RS474C
470
0.72
980
12RS684C
680
0.55
1200
12RS105C
1000
0.44
1500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to +85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak wave solder temperature
260˚C for 10 seconds
Pin finish
Matte tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches 40°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
FEATURES
RoHS compliant


Similar Part No. - 12RS103C

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12R0J OHMITE-12R0J Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
Elma Electronic Ltd
12R105OPXX38N5HCB4 ELMA-12R105OPXX38N5HCB4 Datasheet
163Kb / 3P
12R1 Rugged Chassis - Low Weight
12R107OP9F78N5VGD ELMA-12R107OP9F78N5VGD Datasheet
163Kb / 3P
12R1 Rugged Chassis - Low Weight
12R120PXA8Y5VCJ2 ELMA-12R120PXA8Y5VCJ2 Datasheet
163Kb / 3P
12R1 Rugged Chassis - Low Weight
12R206OPBF58HGB4 ELMA-12R206OPBF58HGB4 Datasheet
149Kb / 2P
12R2 5U, Front Loaded
More results

Similar Description - 12RS103C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FSR1013 BOURNS-FSR1013 Datasheet
132Kb / 1P
Radial Shielded Inductors
logo
Abracon Corporation
AIAS-01 ABRACON-AIAS-01 Datasheet
119Kb / 4P
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
logo
ECM Electronics Limited...
FS1012 ECM-FS1012 Datasheet
73Kb / 3P
Shielded Radial Inductors
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
SHIELDED RADIAL LEAD INDUCTORS
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
Radial lead through-hole fuses
logo
Murata Power Solutions ...
1200LRS MURATA-PS-1200LRS Datasheet
134Kb / 3P
Through Hole Radial Lead Shielded Inductors
logo
Bourns Electronic Solut...
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
Radial Shielded Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com