Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1465 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC1465
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC1465 Datasheet HTML 2Page - Clare, Inc. CPC1465 Datasheet HTML 3Page - Clare, Inc. CPC1465 Datasheet HTML 4Page - Clare, Inc. CPC1465 Datasheet HTML 5Page - Clare, Inc. CPC1465 Datasheet HTML 6Page - Clare, Inc. CPC1465 Datasheet HTML 7Page - Clare, Inc. CPC1465 Datasheet HTML 8Page - Clare, Inc. CPC1465 Datasheet HTML 9Page - Clare, Inc. CPC1465 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CPC1465
6
www.clare.com
R02
Figure 4. Test Circuit for ac Impedance and Linearity
Figure 5. Linearity Requirement Template
68 F
μ
1k
Ω
DUT
V
APP
ac generator
I
SL
1 - 20 mA
dc current source
V
mt
V
sig
Zmt
1000 Vmt
×
Vsig
----------------------------
=
Linearity
20
Vmt
Vsig2ndHarmonic
----------------------------------------
log
20
1000
67.5
------------
log
+
=
75
50
0
Applied ac Voltage (V )
PP
0
0.5
10.0
10.5
11.0
11.5
12.0
Unacceptable
Acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com