Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1465D Datasheet(PDF) 9 Page - Clare, Inc.

Part # CPC1465D
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465D Datasheet(HTML) 9 Page - Clare, Inc.

Back Button CPC1465D Datasheet HTML 5Page - Clare, Inc. CPC1465D Datasheet HTML 6Page - Clare, Inc. CPC1465D Datasheet HTML 7Page - Clare, Inc. CPC1465D Datasheet HTML 8Page - Clare, Inc. CPC1465D Datasheet HTML 9Page - Clare, Inc. CPC1465D Datasheet HTML 10Page - Clare, Inc. CPC1465D Datasheet HTML 11Page - Clare, Inc. CPC1465D Datasheet HTML 12Page - Clare, Inc. CPC1465D Datasheet HTML 13Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
R02
www.clare.com
9
Figure 9. Test Circuit for LED Operation
Figure 10. Typical ISDN NT1 Application Diagram
CPC1465
TIP
RING
2.2k
5%
Ω
4W
PR+
NC
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
1F
μ
68.1
1%
Ω
1/4 W
85
Ω
25
Ω
25
Ω
+
R
200
- 4k
900
- 4.5k
(MLT)
LOOP
ΩΩ
ΩΩ
V
-43.5V to -56V
60V
, 2 Hz - 3 Hz (MLT)
BAT
PEAK
85mH
Series rotary dial
Shunt rotary dial
5V
1F
μ
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NOTE: Pinout is for the SOIC package
1
2
4
3
75k
Ω
V
CC
CPC1001N
V
OUT
CPC1465
TIP
RING
2.2k
5%
Ω
4W
PR+
NC
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
68.1
1%
Ω
1/4 W
1F
μ
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1F
μ
3.6V
NOTE: Pinout is for the SOIC package
V
5V
CC
1
2
4
3
75k
Ω
CPC1001N
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com