Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1466 Datasheet(PDF) 8 Page - Clare, Inc.

Part # CPC1466
Description  Broadband ADSL/VDSL DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1466 Datasheet(HTML) 8 Page - Clare, Inc.

Back Button CPC1466 Datasheet HTML 4Page - Clare, Inc. CPC1466 Datasheet HTML 5Page - Clare, Inc. CPC1466 Datasheet HTML 6Page - Clare, Inc. CPC1466 Datasheet HTML 7Page - Clare, Inc. CPC1466 Datasheet HTML 8Page - Clare, Inc. CPC1466 Datasheet HTML 9Page - Clare, Inc. CPC1466 Datasheet HTML 10Page - Clare, Inc. CPC1466 Datasheet HTML 11Page - Clare, Inc. CPC1466 Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CPC1466
8
www.clare.com
R00B
1.5 Sealing Current Monitor Characteristics
1.5.1 LED Trigger Characteristics
For test conditions: (see Figure 8 on page 8).
Figure 8. Test Circuit for LED Operation
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Applied dc battery Voltage
-
-
-43.5
-
-56
VDC
Frequency (pulses per second)
-
-
4
-
8
-
Percent break
-
-
40
-
60
%
Number of pulses
-
-
6
-
10
-
Total Loop Resistance
-
-
200
-
4000
Ω
Required opto-coupler response
Number of applied pulses per make/break
-
-
-
1
-
-
Pulse width (opto on)
(see Figure 8 on page 8)
TON
10
-
-
ms
Pulse width (opto off)
(see Figure 8 on page 8)
TOFF
10
-
-
ms
CPC1466
V
OUT
TIP
RING
2.2k
5%
Ω
4W
PR+
NC
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
1F
µ
68.1
1%
Ω
1/4 W
85
Ω
25
Ω
25
Ω
+
R
200
- 4k
900
- 4.5k
(MLT)
LOOP
ΩΩ
ΩΩ
V
-43.5V to -56V
BAT
85mH
Series rotary dial
Shunt rotary dial
1
2
3
6
5
4
75k
Ω
V
5V
CC
1F
µ
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com