Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1560GS Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC1560GS
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560GS Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC1560GS Datasheet HTML 6Page - Clare, Inc. CPC1560GS Datasheet HTML 7Page - Clare, Inc. CPC1560GS Datasheet HTML 8Page - Clare, Inc. CPC1560GS Datasheet HTML 9Page - Clare, Inc. CPC1560GS Datasheet HTML 10Page - Clare, Inc. CPC1560GS Datasheet HTML 11Page - Clare, Inc. CPC1560GS Datasheet HTML 12Page - Clare, Inc. CPC1560GS Datasheet HTML 13Page - Clare, Inc. CPC1560GS Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CPC1560
R00F
PRELIMINARY
11
5.6 Rise and Fall Times
The CPC1560 has rise and fall times that are primarily
limited by internal parasitic elements of the device; the
load components only play a secondary role. This can
be appreciated in the turn-off graph of an application
circuit operating at 45V, where the slope of the load
voltage starts scooping down into a more capacitive
shape after approximately 15 volts.
5.7 Over-Voltage Protection
5.7.1 Stored Energy in the Load
During the CPC1560’s switching periods, energy is
transferred between the load components, the
CPC1560 device, and, if used, the over-voltage
protection circuitry.
When the output switch turns off, inductive loads
(LLOAD) transfer their stored energy into the MOSFET
switches, the load capacitance, and the over-voltage
protector. (See the turn-off graph for a 45V inductive
load application circuit.)
When the output switch turns on, the energy in the
load inductor is zero, and the load capacitor (CLOAD)
must transfer its stored energy into the MOSFET.
Time (
μs)
-80
-40
-20
0
20
40
0
20
30
40
50
0.0
0.4
0.6
0.8
1.0
CPC1560
DC-Only Application Circuit
Resistive Load Turn-Off Characteristics
(Supply=45V
DC, RLOAD =75Ω)
80
60
10
0.2
-60
t
RISE=46μs
V
L
I
L
Time (
μs)
-80
-40
-20
0
20
40
0
20
30
40
50
0.0
0.4
0.6
0.8
1.0
CPC1560
DC-Only Application Circuit
Inductive Load Turn-Off Characteristics
(Supply=45V, R
LOAD =75Ω, LLOAD= 630μH)
80
60
10
0.2
-60
V
L
I
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com