Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE11-2/5-HLT-RXXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE11-2/5-HLT-RXXX
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE11-2/5-HLT-RXXX Datasheet(HTML) 1 Page - Hongfa Technology

  HFE11-2/5-HLT-RXXX Datasheet HTML 1Page - Hongfa Technology HFE11-2/5-HLT-RXXX Datasheet HTML 2Page - Hongfa Technology HFE11-2/5-HLT-RXXX Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CfekXZk XiiXe^\d\ek
5HETURHS
D`\c\Zki`Z
jki\e^k_
Q_fZb i\j`jkXeZ\
HMLGFA PEJAW
F`c\ Lf3? E6889=6
IQM>5561 IQM4RQ6;>9> 1 IQM695561 MHQAQ6=5561 IECO OC 5=5555 CEPRIFIED
755> P\m3 6355
7>=
Cf`c gfn\i
Q`e^c\ Cf`c Q\ej`k`m\? 635U1 jkXe[Xi[? 63:U
DflYc\ Cf`c Q\ej`k`m\c? 735U1 jkXe[Xi[c? 835U
;PTHS/ Mecp jfd\ kpg`ZXc iXk`e^j Xi\ c`jk\[ XYfm\3 I] dfi\ [\kX`cj Xi\
i\hl`i\[1 gc\Xj\ ZfekXZk lj3
=5A 7:5TAC Xk <5
>5A 7:5TAC Xk 7:
CfekXZk dXk\i`Xc
IejlcXk`fe i\j`jkXeZ\
B\kn\\e Zf`c - ZfekXZkj
B\kn\\e fg\e ZfekXZkj
Ci\\gX^\ [`jkXeZ\
Mg\iXk\ k`d\ .Xk efd`3 mfck3/
P\c\Xj\ k`d\ .Xk efd`3 mfck3/
FleZk`feXc
D\jkilZk`m\
T`YiXk`fe i\j`jkXeZ\
Hld`[`kp
AdY`\ek k\dg\iXkli\
R\id`eXk`fe
Se`k n\`^_k
CfejkilZk`fe
6555K .Xk :55TDC/
9555TAC 6d`e
6:55TAC 6d`e
=dd
75dj dXo3
75dj dXo3
7>9d4j7
>=5d4j7
65Hq kf ::Hq 63:dd DA
>=, PH1 95
295
kf <5
NCB-OC
Aggifo3 9:^
Dljk gifk\Zk\[
:8;80@A>4 7867 =<C4> 90@278;6 >490D
2<;@02@ 30@0
270>02@4>8?@82?
2<89
\ JXkZ_`e^ i\cXp
\ >5A jn`kZ_`e^ ZXgXY`c`kp
\ AZZfi[ n`k_ IEC;75::? SC7
.CfekXZk`7:55Aa B\XiXYc\ cfX[? 9:55A cfX[2Zlii\ek_
\ Qn`kZ_`e^ gfn\i lg kf 773:bTA
\ 9bT [`\c\Zki`Z jki\e^k_ .Y\kn\\e Zf`c Xe[ ZfekXZkj/
\ Eem`ifed\ekXc ]i`\e[cp gif[lZk .PfHQ Zfdgc`Xek/
\ Mlkc`e\ D`d\ej`fej? .8=35 o 8535 o 6;3>/ dd
6A
:5d .Xk 6A 79TDC/
A^QeM7
=5A 7:5TAC
7:5TAC
>5A
77:55TA
6o65;MNQ
?054@D 0==><B09 >0@8;6?
A9x2A9
N`Zb2lg
TfckX^\
TDC
Nlcj\
DliXk`fe
dj
Cf`c P\j`jkXeZ\
2<89 30@0
Lfd`eXc
TfckX^\
TDC
79o.6 65,/
8:o.6 65,/
=5o.6 65,/
69:o.6 65,/
:<:o.6 65,/
77<5 o .6 65,/
:
;
>
67
79
9=
:
;
>
67
79
9=
83:
937
;38
=39
6;3=
883;
83<:
93:
;3<:
>
6=
8;
6;3< o .6 65,/
79o.6 65,/
:9o.6 65,/
>;o.6 65,/
8=9o.6 65,/
6:8; o .6 65,/
N`Zb2lg
TfckX^\
TDC
Nlcj\
DliXk`fe
dj
Cf`c P\j`jkXeZ\
Lfd`eXc
TfckX^\
TDC
[655
[655
[655
[655
[655
[655
[655
[655
[655
[655
[655
[655
~ FPLM METFKLOJ{ ?HOSLTLVH y~|}Cz
~ FPLM METFKLOJ{ STEOGERG y~|-Cz
754~~
K\Z_Xe`ZXc \e[liXeZ\
CfekXZk i\j`jk\eZ\
6o659MNQ .Xk =5A 7:5TAC/
;555MNQ .Xk >5A 7:5TAC/
;PTHS/ R_\ [XkX j_fne XYfm\ Xi\ `e`k`Xc mXcl\j3
KXo3 jn`kZ_`e^ mfckX^\
KXo3 jn`kZ_`e^ Zlii\ek
KXo3 jn`kZ_`e^ gfn\i
CfekXZk iXk`e^ .P\j3 cfX[/
Ec\Zki`ZXc \e[liXeZ\


Similar Part No. - HFE11-2/5-HLT-RXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE10 HONGFA-HFE10 Datasheet
2Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-1 HONGFA-HFE10-1 Datasheet
100Kb / 7P
50A switching capability
HFE10-1/12-D-1-S-T-L2-R HONGFA-HFE10-1/12-D-1-S-T-L2-R Datasheet
100Kb / 7P
50A switching capability
HFE10-1/12-D1ST-L1-R HONGFA-HFE10-1/12-D1ST-L1-R Datasheet
2Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-1/12-D1ST-L2-R HONGFA-HFE10-1/12-D1ST-L2-R Datasheet
2Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HFE11-2/5-HLT-RXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com