Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS29 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS29
Description  IGBT MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS29 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS29 Datasheet HTML 1Page - Hongfa Technology HFS29 Datasheet HTML 2Page - Hongfa Technology HFS29 Datasheet HTML 3Page - Hongfa Technology HFS29 Datasheet HTML 4Page - Hongfa Technology HFS29 Datasheet HTML 5Page - Hongfa Technology HFS29 Datasheet HTML 6Page - Hongfa Technology HFS29 Datasheet HTML 7Page - Hongfa Technology HFS29 Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wdoc jpokpo m\m`_ ^pmm`io \o 483A/ 533A/ 633A/ HFS5< dn \ cdbc dio`bm\o`_/ nh\gg k\^f\b` \i_ pn`m amd`i_gtIGBT hj_pg`/ rcd^c
dn d_`\g ajm oc` \kkgd^\odjin np^c \n oc` r`g_dib h\^cdi`/ diq`mojm/ UPS/ `o^1 E\^c hj_pg` ^jindnon ja orj IGBTn di \ c\ga ]md_b`
^jiadbpm\odji1 Agg ^jhkji`ion \i_ dii`m ^jii`^ojmn \m` dnjgpo`_ amjh oc` ]\n`kg\o`1
HONAFA RELAY
ISO<334/ ISO2TS49<7< / ISO47334/ OHSAS4;334/ IECQ QC 3;3333 CERTIFIED
533< R`q1 4133
8:
W`g_dib h\^cdi`/ Iiq`mojm/ UPS/ `o^
G\VQMKR 7VVRQMKYQUTX
41 Ii jm_`m oj b`o `aa`^odq` c`\o _dnndk\odji/ c`\o ndif ag\oi`nn ncjpg_ ]` ]`or``i 083
yh \i_ 433yh1 Io dn dhkjmo\io oj \kkgt
oc`mh\ggt^ji_p^odq` bm`\n`
rdoc 433 oj 533yh ji oc` ^jio\^o npma\^`/ rc`m` \oo\^c`_ oj oc` c`\o ndif1
51 K``k oc` hj_pg` amjh ]`dib _\h\b`_ ]toc` no\od^ `g`^omd^dot1
Fdg` Nj1= E64785;
><F25
HFS5< 2
PM
483
D
453
G\VO
CE:;E?B= ?B<CEA7G?CB
:6 Dp\g,c\ga ]md_b`-
AUNZRO
?=8G IMOX [URYKPO
CZYVZY WKYQTP MZWWOTY
HTQY TZSLOWX
,SA-
?=8G Y\VO
b H\ga0]md_b`
b 4533V SPT. IGBT
b Bpdgo0di F\no am``0rc``gdib _dj_`n
b DCB ]\n` kg\o`
b Eiqdmjih`io\g amd`i_gtkmj_p^o
,RjHS ^jhkgd\io-
:;F9E?DG?CB
DE;97HG?CBF
DA6 IGBT hj_pg`
?=8G AC:H@;
1406 483A
2006 533A
3006 633A
1206 4533V
-F7.6 SPT.
<OKYZWOX


Similar Part No. - HFS29

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFS2 ETC2-HFS2 Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210DN ETC2-HFS2/A210DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210SN ETC2-HFS2/A210SN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211DN ETC2-HFS2/A211DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211SN ETC2-HFS2/A211SN Datasheet
56Kb / 3P
MOS RELAY
More results

Similar Description - HFS29

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
IGBT-Module / IGBT-inverter
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
IGBT module
logo
eupec GmbH
FZ600R65KF1 EUPEC-FZ600R65KF1 Datasheet
179Kb / 10P
IGBT-Module
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
IGBT-Module
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Semikron International
SK9GD063 SEMIKRON-SK9GD063 Datasheet
131Kb / 2P
IGBT Module
SK30GB067 SEMIKRON-SK30GB067_06 Datasheet
320Kb / 2P
IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com