Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3135 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM3135
Description  Integrated RTC/Alarm/F-RAM & Embedded Crystal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3135 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM3135 Datasheet HTML 1Page - Ramtron International Corporation FM3135 Datasheet HTML 2Page - Ramtron International Corporation FM3135 Datasheet HTML 3Page - Ramtron International Corporation FM3135 Datasheet HTML 4Page - Ramtron International Corporation FM3135 Datasheet HTML 5Page - Ramtron International Corporation FM3135 Datasheet HTML 6Page - Ramtron International Corporation FM3135 Datasheet HTML 7Page - Ramtron International Corporation FM3135 Datasheet HTML 8Page - Ramtron International Corporation FM3135 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
FM3135 Integrated RTC/Alarm/FRAM & Embedded Crystal
Rev. 1.2
Feb. 2009
Page 2 of 21
Figure 1. Block Diagram
Pin Descriptions
Pin Name
Type
Pin Description
ACS
Output
Alarm/Calibration/SquareWave: This is an open-drain output that requires an external
pullup resistor. The alarm, calibration, and square wave functions all share this output.
In Alarm mode, this pin acts as the active-low alarm output. In Calibration mode, a 512
Hz square-wave is driven out. In SquareWave mode, the user may select a frequency of
1, 512, 4096, or 32768 Hz to be used as a continuous output. Refer to Table 3. Control
Bit Settings for ACS Pin to determine the bit settings for each mode.
SDA
I/O
Serial Data & Address: This is a bi-directional line for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus. The
input buffer incorporates a Schmitt trigger for noise immunity and the output driver
includes slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock line for the two-wire interface. Data is clocked out of the
part on the falling edge, and data into the device on the rising edge. The SCL input also
incorporates a Schmitt trigger input for noise immunity.
VBAK
Supply
Backup supply voltage: A 3V battery or a large value capacitor. If no backup supply is
used, this pin should be tied to VSS. The trickle charger is UL recognized and ensures no
excessive current when using a lithium battery.
VDD
Supply
Supply Voltage.
VSS
Supply
Ground
F-RAM
Array
2-Wire
Interface
RTC
VSW
-
+
RTC Registers
Special
Function
Registers
LockOut
Switched Power
RTC Cal.
Battery Backed
Nonvolatile
ACS
Alarm
512Hz/SQW
Alarm
SCL
SDA
VDD
VBAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com