Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV10620 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV10620
Description  color high dynamic range CameraChip sensor for high-performance security camera applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV10620 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV10620 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV10620 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1341 Orleans Drive
Sunnyvale, CA 94089
tel: +1 408 542 3000
fax: +1 408 542 3001
www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any
product or service without further notice. OmniVision, the OmniVision logo and
OmniPixel are registered trademarks of OmniVision Technologies, Inc. CameraChip
and OmniPixel2 are trademarks of OmniVision Technologies, Inc. All other trademarks
are the property of their respective owners.
Version 1.1, August, 2007
functional block diagram
clock
column sensor amp
video
timing
generator
image
array
SCCB
interface
analog
processing
HDR
process
test
pattern
generator
digital
video
port
exposure
gain
control
control
registers
(to all the
circuits)
exposure
gain
detect
PWDN
RESET_B
VSYNC
PCLK
HREF
FSIN
XVCLK
Y[9:0]
R
G
B
DSP
buffer
buffer
A/D
10620_security_DS_001
product specifications
array size:
768 x 506
lens size:
VGA: 1/4"
WVGA: 1/3.3"
power supply:
digital core: 1.8 VDC + 10%
analog: 3.3 VDC + 5%
I/O: 3.3 VDC + 10%
maximum image transfer rate:
VGA (HDR mode): 30 fps
QVGA (non-HDR mode): 60 fps
pixel size:
6.0 μm x 6.0 μm
image area:
4.752 mm x 3.036 mm
dark current:
20 mV/sec @ 60°C
package dimensions:
14.22 mm x 14.22 mm
OV10620
ordering information
OV10620-C00A
(color, CLCC-48 pin)
applications
product features
OV10121-C00A
(b&w, CLCC-48 pin)
security and surveillance
video conferencing
camera/video phones
single chip, 1/4” VGA format,
video camera
high sensitivity for low-light
operation
horizontal mirroring and vertical
flipping
white balance, exposure time, gain
control, etc.
external frame sync capability
(Genlock)
low fixed pattern noise,
anti-blooming
progressive scan
supports parallel output
high dynamic range
(up to 100 dB)
SCCB control interface for
register programming
low power consumption
raw RGB, YUV/YCbCr 4:2:2,
GRB 4:2:2, RGB565/555



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com