Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1718 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1718
Description  ISOPLUS??264 DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1718 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1718 Datasheet HTML 1Page - Clare, Inc. CPC1718 Datasheet HTML 2Page - Clare, Inc. CPC1718 Datasheet HTML 3Page - Clare, Inc. CPC1718 Datasheet HTML 4Page - Clare, Inc. CPC1718 Datasheet HTML 5Page - Clare, Inc. CPC1718 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1718
R02
PERFORMANCE DATA*
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1718
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
0.026
0.028
0.030
0.032
0.034
0.036
CPC1718
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
On-resistance (
Ω)
35
30
25
20
15
10
5
0
4.5
6.0
7.5
10.5
9.0
12.0
Turn-On (ms)
CPC1718
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
0.17
0.19
0.21
0.16
0.18
0.20
Turn-Off (ms)
25
20
15
10
5
0
CPC1718
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
Temperature (ºC)
0
2040
6080
100
0
5
10
15
20
25
30
35
CPC1718
Maximum Load Current
vs. Temperature with Heatsink
1ºC/W
Free Air
5ºC/W
10ºC/W
-40
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
CPC1718
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
Temperature (ºC)
-40
128
126
124
122
120
118
116
114
112
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1718
Typical Blocking Voltage
vs. Temperature
-40
21
18
15
12
9
6
3
0
-20
0
20
40
60
80
100
Temperature (ºC)
I
F=10mA
I
F=20mA
CPC1718
Typical Turn-On vs. Temperature
(I
L=1ADC)
-40
0.24
0.22
0.20
0.18
0.16
0.14
0.12
0.10
-20
0
20
40
60
80
100
CPC1718
Typical Turn-Off vs. Temperature
(I
L=1ADC)
Temperature (ºC)
I
F=20mA
I
F=10mA
CPC1718
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=10mA
I
F=20mA
Temperature (ºC)
LED Forward Current (mA)
0
5
1015202530354045
24
22
20
18
16
14
12
10
8
6
4
50
2
0
CPC1718
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
0
5
1015202530354045
0.19
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
50
CPC1718
Typical Turn-Off vs. LED Forward Current
(I
L=1ADC)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com