Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1726 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1726
Description  DC Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1726 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1726 Datasheet HTML 1Page - Clare, Inc. CPC1726 Datasheet HTML 2Page - Clare, Inc. CPC1726 Datasheet HTML 3Page - Clare, Inc. CPC1726 Datasheet HTML 4Page - Clare, Inc. CPC1726 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1726
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Current (mA)
0
1020
304050
40
45
50
55
60
Typical Turn-Off Time
vs. LED Forward Current
(V
L=10V, RL=1kΩ)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Typical On-Resistance vs. Temperature
(I
F=10mA, IL=500mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.6
2.0
2.4
2.8
3.2
3.6
Typical I
F for Switch Operation
vs. Temperature
(I
L=500mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.6
1.7
1.8
1.9
2.0
2.1
2.2
Typical I
F for Switch Dropout
vs. Temperature
Load Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
200
400
600
800
1000
1200
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
Energy Rating Curve
(Free air, no heat sink)
Time
8
7
6
5
4
3
2
1
0
1ms
100ms
10s
10ms
1s
100s
10
μs 100μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com