Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1824 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1824
Description  4V Output Solar Cell
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1824 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1824 Datasheet HTML 1Page - Clare, Inc. CPC1824 Datasheet HTML 2Page - Clare, Inc. CPC1824 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.clare.com
2
CPC1824
R02
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Electrical Characteristics
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Parameter
Ratings
Units
Reverse Voltage
10
V
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Electrical absolute maximum ratings are at 25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Open Circuit Voltage
Direct Sun (6000 lux)
V
OC
-
4.2
-
V
High Intensity Lamp
V
OC
-
4.5
-
V
Short Circuit Current
Direct Sun (6000 lux)
I
SC
-
100
-
µA
Normalized Open Circuit Output Voltage
vs. Light Intensity
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
246
8
Light Intensity (lux • 1000)
10
Normalized Short Circuit Output Current
vs. Light Intensity
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
0
246
8
Light Intensity (lux • 1000)
10
Normalized Open Circuit Output Voltage
vs. Incident Angle of Light
to Photodiode Surface
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
204060
80
Incident Angle (Degrees)
100
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
204060
80
Incident Angle (Degrees)
100
Normalized Short Circuit Output Current
vs. Incident Angle of Light
to Photodiode Surface



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com