Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1972G Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1972G
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1972G Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1972G Datasheet HTML 1Page - Clare, Inc. CPC1972G Datasheet HTML 2Page - Clare, Inc. CPC1972G Datasheet HTML 3Page - Clare, Inc. CPC1972G Datasheet HTML 4Page - Clare, Inc. CPC1972G Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1972-R03
1
CPC1972
AC Power Switch
Part Number
Description
CPC1972G
6-Pin DIP (50/Tube)
CPC1972GS
6-Pin Surface Mount (50/Tube)
CPC1972GSTR
6-Pin Surface Mount (1000/Reel)
Parameter
Ratings
Units
Blocking Voltage
800
V
P
Load Current
250
mA
rms
On State Voltage Drop
3
V
rms (at IL = 250 mArms)
Operating Voltage
550
V
rms
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
The CPC1972 is an AC Solid State Switch using
optical coupling with dual power Silicon Controlled
Rectifier (SCR) outputs to produce an alternative to
optocoupler and Triac circuits. The CPC1972 switches
are robust enough to provide a blocking voltage
of up to 800V
P. In addition, tightly controlled zero
cross circuitry ensures switching of AC loads without
the generation of transients. The input and output
circuits are optically coupled to provide 3750V
rms of
isolation and noise immunity between the control and
load circuits. As a result the CPC1972 is well suited
for industrial environments where electromagnetic
interference could disrupt the operation of
electromechanical relays.
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• UL 508 Recognized Component: File #: E69938
• CSA Certified Component: Certificate # 1172007
• EN/IEC 60950 Compliant
• Load Current up to 250mA
rms
• 800V
P Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• Machine Insertable, Wave Solderable
• Flammability classification rating of V-0
RoHS
2002/95/EC
e3
Pb
ZC
1
3
2
4
5
6
N/C
N/C
AC Load
AC Load
– LED
+ LED


Similar Part No. - CPC1972G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1972G CLARE-CPC1972G Datasheet
127Kb / 7P
AC Power Switch
logo
IXYS Corporation
CPC1972G IXYS-CPC1972G Datasheet
114Kb / 7P
Low EMI and RFI Generation
logo
Littelfuse
CPC1972G LITTELFUSE-CPC1972G Datasheet
176Kb / 7P
AC Power Switch
11/18/2025
logo
Clare, Inc.
CPC1972GS CLARE-CPC1972GS Datasheet
127Kb / 7P
AC Power Switch
logo
IXYS Corporation
CPC1972GS IXYS-CPC1972GS Datasheet
114Kb / 7P
Low EMI and RFI Generation
More results

Similar Description - CPC1972G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com