Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC2017N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC2017N
Description  8-Pin Dual SOIC OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC2017N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC2017N Datasheet HTML 1Page - Clare, Inc. CPC2017N Datasheet HTML 2Page - Clare, Inc. CPC2017N Datasheet HTML 3Page - Clare, Inc. CPC2017N Datasheet HTML 4Page - Clare, Inc. CPC2017N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC2017N
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
35
30
25
20
15
10
5
0
On-Resistance (
Ω)
6.8
6.9
7.1
7.0
7.4
7.2
7.3
Typical On-Resistance Distribution
(N=50, I
F=1mA, IL=120mA, TA=25ºC)
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mA, TA=25ºC)
25
20
15
10
5
0
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=120mA, TA=25ºC)
1.0
1.2
1.4
1.6
1.1
1.3
1.5
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mA, TA=25ºC)
0.26
0.30
0.34
0.38
0.36
0.32
0.28
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mA, TA=25ºC)
35
30
25
20
15
10
5
0
80
84
88
92
82
86
90
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
60
70
80
90
100
110
120
130
Typical Load Current vs. Temperature
(I
F=2mA)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
(Measured Across Pins 3 & 4)
(V
L=60V)
Temperature (ºC)
-40
91
89
87
85
83
81
79
77
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On vs. Temperature
(I
L=50mA)
I
F=2mA
I
F=5mA
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Turn-Off vs. Temperature
(I
L=50mA)
Temperature (ºC)
I
F=5mA
I
F=2mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com