Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9UMS9633B Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9UMS9633B
Description  ULTRA MOBILE PC/MOBILE INTERNET DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9633B Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9UMS9633B Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 9Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 10Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 11Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 12Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 13Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 14Page - Integrated Device Technology ICS9UMS9633B Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC/Mobile Internet Device
1423—01/20/09
ICS9UMS9633B
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
11
Advance Information
Table 1: CPU Frequency Select Table
FSLC
1
FSLB
1
CPU
MHz
SRC
MHz
DOT
MHz
LCD
MHz
REF
MHz
0
0
133.33
0
1
166.67
1
0
100.00
11
Reserved
1. FS
LC is a low-threshold input.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
100.00
96.00
100.00
14.318
Table 2: LCD Spread Select Table (Pin 20/21)
B1b5
B1b4
B1b3
Spread
%
Comment
0
0
0
-0.5%
LCD100
0
0
1
-1%
LCD100
0
1
0
-2%
LCD100
0
1
1
-2.5%
LCD100
1
0
0
+/- 0.25%
LCD100
1
0
1
+/-0.5%
LCD100
1
1
0
+/-1%
LCD100
1
1
1
+/-1.25%
LCD100
Table 3: CPU N-step Programming
CPU
(MHz)
P
Default N
(hex)
133.33
3
64
166.67
3
7D
100.00
4
64
200.00
2
64
= 4MHz x N/P
= 4MHz x N/P
Fcpu
= 4MHz x N/P
= 4MHz x N/P
0
1
Enable
Running Running
1
X
Enable
Low/20K
Low
0
0
Enable
High
Low
0X
Disable
Low/20K
Low
0
0
Enable
Running Running
Running
Running
1
X
X
Low/20K
Low
Low/20K
Low
0
1
Enable
Low/20K
Low
Running
Running
0X
Disable
Low/20K
Low
Low/20K
Low
REF Power Management Table
0
Enable
Running
1
X
Low
0
Disable
Low
SRC, LCD, DOT Power Management Table
CPU Power Management Table
PD
CPU_STOP#
SMBus Register
OE
CPU
CPU#
DOT#/LCD#
PD
CR_x#
SMBus Register
OE
SRC
SRC#
REF
PD
SMBus Register
OE
DOT/LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com