Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9WDV3501B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9WDV3501B
Description  VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9WDV3501B Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9WDV3501B Datasheet HTML 1Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 2Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 3Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 4Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 5Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 6Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 7Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 8Page - Integrated Device Technology ICS9WDV3501B Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS9WDV3501B
IDTTM/ICSTM Voltage Monitor/Watchdog Timer Circuit
1468—05/30/08
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
1
DATASHEET
Advance Information
General Description:
The 9WDV3501 contains 5 voltage monitoring (VMON)
comparators and a watchdog timer circuit. The external voltage
monitor inputs have a reset threshold of approximately 1.0V.
Various power supplies can easily be monitored with these
inputs by use of a simple resistor ladder to divide the supply rail
down to 1.0V.
There are two RESET# outputs. RESET0# is typically
connected to a microprocessor, while RESET1# is typically
connected to peripheral components.
If any of the VMON inputs drops outside the desired operating
range, both RESET# outputs will be asserted simultaneously.
They will stay low as long as VMON is below the threshold.
After VMON rises above the threshold, RESET0# will begin its
timeout count down and return high after the count down
expires. The count down period depends on the value on the
RST0_DLY(1:0) pins. The minimum value is 50ms and the
maximum value is 300ms. When RESET0# is de-asserted, the
RESET1# output will continue to be asserted for an additional
count down period.
Functional Block Diagram
Features:
•
5 Precision Voltage Monitors:
•
Watchdog Timer
•
Selectable Watchdog and Reset Timing
•
Two Active Low reset outputs
•
Precision Timebase with external trim resistor
WatchDog
Timer
Reset Timer 0
50 to 300 ms
nominal
Reset Timer 1
50 to 300 ms
nominal
RESET0#
RESET1#
WTB(1:0)
Watchdog
Edge Detector
WDI
1.00V
Bandgap
+
-
+
-
+
-
+
-
+
-
VMON4
VMON0
VMON1
VMON2
VMON3
RST1_DLY(1:0)
RST0_DLY(1:0)
Osc
RP
Master clock
The RESET1# count down period is set by the RST1_DLY(1:0)
inputs. The
additional delay can range from 50ms to 300ms.
This additional reset is designed to hold the peripheral circuits
in reset after the microprocessor has been released from reset.
The VMON circuitry can continue to operate until VDD drops
below 2.3V.
The watchdog timer monitors transitions on the WDI input. This
input is usually driven by a GPIO line from a microprocessor and
is used to detect when the CPU has entered an infinite loop. If a
transition on the WDI input is not detected within the watchdog
time out period, both RESET# outputs will be asserted and will
be as described in the previous paragraph. The watchdog timer
is restarted when RESET1# goes inactive. The watchdog time
out period is selectable using the WTB(1:0) inputs. The
watchdog can be disabled by pulling the WDI_EN pin low.
The 9WDV3501 incorporates a precision RC oscillator that
utilized an external trimming resistor for maximum accuracy.
The recommend value for this resistor is 30K
Ω.
The 9WDV3501 is available in both commercial and industrial
temperature ranges. It is available in a 20-pin QFN or a 20-pin
TSSOP package.


Similar Part No. - ICS9WDV3501B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results

Similar Description - ICS9WDV3501B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6814 MAXIM-MAX6814 Datasheet
631Kb / 6P
5-Pin Watchdog Timer Circuit
19-2804; Rev 1; 3/04
logo
Summit Microelectronics...
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
Dual Voltage Supervisory Circuit With Watchdog Timer
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
Voltage Supervisory Circuit With Watchdog Timer
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
Watchdog timer circuit
26-Oct-2012
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Texas Instruments
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com