Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA6038FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA6038FN
Description  SHOCK SENSOR IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA6038FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA6038FN Datasheet HTML 1Page - Toshiba Semiconductor TA6038FN Datasheet HTML 2Page - Toshiba Semiconductor TA6038FN Datasheet HTML 3Page - Toshiba Semiconductor TA6038FN Datasheet HTML 4Page - Toshiba Semiconductor TA6038FN Datasheet HTML 5Page - Toshiba Semiconductor TA6038FN Datasheet HTML 6Page - Toshiba Semiconductor TA6038FN Datasheet HTML 7Page - Toshiba Semiconductor TA6038FN Datasheet HTML 8Page - Toshiba Semiconductor TA6038FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TA6038FN
2002-02-13
3
Electrical Characteristics (unless otherwise specified, VCC
==== 3.3 V, Ta ==== 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
¾
¾
2.7
3.3
5.5
V
VCC = 3.3 V
¾
1.8
2.5
Supply current
ICC
(1)
VCC = 5.0 V
¾
1.8
2.5
mA
(DIFF-AMP)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input impedance
(Note 1)
Zin
¾
¾
30
100
¾
M
W
Gain
GvBuf
(2)
¾
13.6
14
14.4
dB
Output DC voltage
VoBuf
(3)
Connect C
= 1000 pF
between
1 pin and 2 pin,
3 pin and 4 pin
0.7
1
1.3
V
Low pass filter cut-off freq.
fc
(4)
Frequency at
-3dB point
5
7
11
kHz
Output source current
IBso
(5)
Voh
= VCC - 1 V
300
800
¾
mA
Output sink current
IBsi
(6)
Vol
= 0.3 V
75
130
¾
mA
Note 1: Marked parameters are reference data.
(OP-AMP)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Cut-off frequency
(Note 1)
fT
¾
¾
1.5
2
¾
MHz
Openloop gain
(Note 1)
Gvo
¾
¾
80
90
¾
dB
Input voltage 1
Vin1
(7)
¾
1.235
1.3
1.365
V
Input current
Iin
(8)
¾
¾
25
50
nA
Offset voltage
(Note 1)
Voff
¾
¾
-5
0
5
mV
Output source current
IAso
(9)
Voh
= VCC - 1 V
250
800
¾
mA
Output sink current
IAsi
(10)
Vol
= 0.3 V
130
200
¾
mA
Note 1: Marked parameters are reference data.
(window-comparator)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Trip voltage 1
(Note 1)
Vtrp1
¾
¾
Vin1
±0.38
Vin1
±0.4
Vin1
±0.42
V
Output source current
IWso
(11)
Voh
= VCC - 0.5 V
30
50
¾
mA
Output sink current
IWsi
(12)
Vol
= 0.3 V
300
800
¾
mA
Note 1: Marked parameters are reference data.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com