Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDBR2 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # WDBR2
Description  Ultra low profile thick-film on steel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WDBR2 Datasheet(HTML) 1 Page - Welwyn Components Limited

  WDBR2 Datasheet HTML 1Page - Welwyn Components Limited WDBR2 Datasheet HTML 2Page - Welwyn Components Limited WDBR2 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultra Low Profile
Power Resistors
WDBR Series
•
Ultra low profile thick-film on steel
•
500W to 7kW peak power
•
Single fixing heatsink mountable
•
Ideal for dynamic braking, inrush limit and snubber circuits
•
Choice of flying lead, push-on or solder terminations
•
Low inductance design
•
High isolation, even after failsafe overload fusing
•
RoHS compliant, non-flammable construction
Electrical Data
WDBR1/2
WDBR1
WDBR2
WDBR3
WDBR5
WDBR7
Resistance range
ohms
22, 47, 100
12, 22, 47, 100, 150
47, 100, 150
Resistance tolerance
%
10
Pulse power rating
1
kW
0.5
1.5
2.0
3.5
5.0
7.0
Power rating on heatsink
2
W
160
180
200
260
270
280
4
Power rating on fan-cooled heatsink
3
W
300
700
780
900
1000
1490
4
TCR
ppm/°C
+500 to +600
Maximum element temperature
°C
365
Dielectric withstand
V (dc/ac peak)
2500
Inductance (typical)
μH
<3
<4
<5
<6
Notes:
1.
For details of pulse condition see Fig. 1 in Performance Data.
2.
Mounted on a 0.53°C/W heatsink with no forced air cooling, air temperature 25°C.
3.
Mounted on a 0.53°C/W heatsink with 5m/s forced air cooling, air temperature 25°C.
4.
Limited by the solder type; the rating can be improved for non-standard parts by using HMP solder.
Physical Data
Dimensions in mm, weight without terminations in g
L ±0.1
W ±0.1 t ±0.1 ØD nom a nom b nom c nom Wt. nom
WDBR1/2
31.9
28.1
2.2
7.5
3.1
4.3
6.5
WDBR1
49.3
35.9
3.2
3.2
11.2
6.2
12.6
WDBR2
61
40.6
4.7
13.0
5.8
17.1
WDBR3
101.6
70
13.5
22.0
10.2
50.8
WDBR5
122
70
0.9
14.0
23.8
7.4
60.7
WDBR7
152.4
101.6
1.5
5.3
15.0
51.3
9.2
181.8
Construction
A high integrity dielectric layer is applied to a machined
stainless steel substrate. Thick-film conductor and resistor
patterns are printed and fired, then protected with a high
temperature overglaze. The termination pads are tinned with
Pb-free solder and optional terminals or leads are soldered on.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
W
L
c
b
a
Substrate thickness = t
Fixing hole is located centrally
D


Similar Part No. - WDBR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WDBR2 ETC2-WDBR2 Datasheet
373Kb / 4P
Ultra Low Profile Power Resistors
logo
TT Electronics.
WDBR2 TTELEC-WDBR2 Datasheet
942Kb / 4P
Ultra Low Profile Power Resistors
07.24
WDBR2-12RKT TTELEC-WDBR2-12RKT Datasheet
942Kb / 4P
Ultra Low Profile Power Resistors
07.24
WDBR2UL TTELEC-WDBR2UL Datasheet
1Mb / 4P
Ultra Low Profile Power Resistors
01.25
More results

Similar Description - WDBR2

ManufacturerPart #DatasheetDescription
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
Thick Film Super Low Profile SIP Resistor Networks
logo
TAITRON Components Inco...
RA05103G-XX-BL TAITRON-RA05103G-XX-BL Datasheet
328Kb / 4P
Thick Film Low Profile Resistor Network
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
logo
Ohmite Mfg. Co.
TA203PA4K50KE OHMITE-TA203PA4K50KE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TC025PA5R00JE OHMITE-TC025PA5R00JE Datasheet
89Kb / 1P
PECOS Resistors Thick Film on Porcelainized Steel Substrate
TC010PA OHMITE-TC010PA Datasheet
89Kb / 1P
PECOS Resistors Thick Film on Porcelainized Steel Substrate
logo
KOA Speer Electronics, ...
UR73D2BTTD10L0F KOA-UR73D2BTTD10L0F Datasheet
992Kb / 2P
THICK FILM (LOW RESISTANCE)
logo
Ohmite Mfg. Co.
TA810PW100RJE OHMITE-TA810PW100RJE Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
Thick film on Alumina
logo
Bourns Electronic Solut...
CR-PF BOURNS-CR-PF Datasheet
223Kb / 7P
CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com