Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1366 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1366
Description  High accuracy 1A, 60V LED driver with internal switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1366 Datasheet HTML 17Page - Diodes Incorporated ZXLD1366 Datasheet HTML 18Page - Diodes Incorporated ZXLD1366 Datasheet HTML 19Page - Diodes Incorporated ZXLD1366 Datasheet HTML 20Page - Diodes Incorporated ZXLD1366 Datasheet HTML 21Page - Diodes Incorporated ZXLD1366 Datasheet HTML 22Page - Diodes Incorporated ZXLD1366 Datasheet HTML 23Page - Diodes Incorporated ZXLD1366 Datasheet HTML 24Page - Diodes Incorporated ZXLD1366 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ZXLD1366
Issue 2 - September 2008
21
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Output current adjustment by PWM control
Directly driving ADJ input
A Pulse Width Modulated (PWM) signal with duty cycle DPWM can be applied to the ADJ pin, as
shown below, to adjust the output current to a value above or below the nominal average value
set by resistor RS:
Driving the ADJ input via open collector transistor
The recommended method of driving the ADJ pin and controlling the amplitude of the PWM
waveform is to use a small NPN switching transistor as shown below:
This scheme uses the 50k resistor between the ADJ pin and the internal voltage reference as a
pull-up resistor for the external transistor.
Driving the ADJ input from a microcontroller
Another possibility is to drive the device from the open drain output of a microcontroller. The
diagram below shows one method of doing this:
If the NMOS transistor within the microcontroller has high Gate / Drain capacitance, this
arrangement can inject a negative spike into ADJ input of the ZXLD1366 and cause erratic
operation but the addition of a Schottky clamp diode (eg Diodes Inc. SD103CWS) to ground and
inclusion of a series resistor (3.3k) will prevent this. See the section on PWM dimming for more
details of the various modes of control using high frequency and low frequency PWM signals.
PWM
GND
0V
VADJ
GND
ZXLD1366
ADJ
PWM
GND
ZXLD1366
ADJ
GND
GND
ZXLD1366
ADJ
MCU
3.3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com