Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE1CS02 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 18Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 21Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 22Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 23Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 24Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 25Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Electrical Characteristics
Version 1.0
22
25 July 2008
4.3.5
PWM Current Limiting
4.3.6
PWM Slope Compensation
4.3.7
PWM Timing Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Peak Current Limitation
Vcsth
0.95
1.00
1.05
V
Leading Edge Blanking
tLEB
-220
-
ns
CS Input Bias Current
ICSbias
-1.0
-0.2
0
µA
VCS = 0V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Peak Current for Slope
Compenation
Islope
85
150
215
µA
at fPWM=70kHz, 60%
Max Duty Cycle
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Soft Start Timing
tSS
-12-
ms
Fixed Oscillator Frequency
fdelta
110
140
kHz
Synchronizable range
70
150
kHz
Max. Duty Cycle 2
Internal Free Run
Dmax2INT
56.5
59.0
61.5
%
Vsync < 3.0V
Vsense < 2.6V
Max. Duty Cycle 1
Internal Free Run
Dmax1INT
44.5
47.0
49.5
%
Vsync < 3.0V
Vsense > 2.6V
Max. Duty Cycle 2 (70kHz)
External Synchronization
Dmax2EXT70
51.0
57.0
63.0
%
at fPWM=70kHz
Vsync < 3.0V
Vsense < 2.6V
Max. Duty Cycle 1 (70kHz)
External Synchronization
Dmax1EXT70
37.0
43.0
47.0
%
at fPWM=70kHz
Vsync < 3.0V
Vsense > 2.6V
Max. Duty Cycle 2 (150kHz)
External Synchronization
Dmax2EXT150
54.0
60.0
66.0
%
at fPWM=150kHz
Vsync < 3.0V
Vsense < 2.6V
Max. Duty Cycle 1 (150kHz)
External Synchronization
Dmax1EXT150
39.5
45.0
49.5
%
at fPWM=150kHz
Vsync < 3.0V
Vsense > 2.6V
Min. Duty Cycle
Dmin
0-
-
%
VFB < 0.3V
Max. Allowable External Sync
Pulse Width off Time
tsyncmax
--
0.5
µs
Min. Allowable External Sync
Pulse Width off Time
tsyncmin
0.35
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com