Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1317P Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1317P
Description  Single-Pole OptoMOS짰 Relay With Bidirectional Transient Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1317P Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1317P Datasheet HTML 1Page - Clare, Inc. CPC1317P Datasheet HTML 2Page - Clare, Inc. CPC1317P Datasheet HTML 3Page - Clare, Inc. CPC1317P Datasheet HTML 4Page - Clare, Inc. CPC1317P Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1317
R03
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Parameter
Ratings
Units
SSR Output Blocking Voltage
70
V
P
TVS Working Voltage, Maximum
40.2
V
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
SSR Output Power Dissipation 2
400
mW
TVS Peak Pulse Power
(I
PP=9.3A, 10/1000μs pulse)
600
W
Isolation Voltage Input to Output
3750
V
rms
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mw / ºC
2 Derate Linearly 6.67 mw / ºC
Electrical absolute maximum ratings are at 25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous
-
I
L
-
-
150
mA
Peak
t=10ms
I
LPK
-
-
400
On-Resistance 1
I
L=150mA, IF=1mA
R
ON
-7
16
Ω
Off-State Leakage Current
V
L=70V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
-
2.5
ms
Turn-Off
T
OFF
-
-
2.5
Output Capacitance
50V; f=1MHz
C
OUT
-25
-
pF
Input Characteristics @ 25°C
Input Control Current 2
I
L=150mA
I
F
--
1
mA
Input Dropout Current
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Common Characteristics @ 25°C
Capacitance Input to Output
-
C
I/O
-3
-
pF
1
Measurement taken within 1 second of turn-on time.
2
For applications requiring high temperature operation (> 60oC) a minimum LED drive current of 3mA is required.
SSR Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Clamping Voltage
I
PP=9.3A
V
C
-
-
66.5
V
Reverse Breakdown Voltage
I=1mA
V
BR
44.4
-
-
V
Reverse Leakage Current
V
WM=40.2V
I
L
--
5
μA
TVS Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com