Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1390G Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1390G
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1390G Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1390G Datasheet HTML 1Page - Clare, Inc. CPC1390G Datasheet HTML 2Page - Clare, Inc. CPC1390G Datasheet HTML 3Page - Clare, Inc. CPC1390G Datasheet HTML 4Page - Clare, Inc. CPC1390G Datasheet HTML 5Page - Clare, Inc. CPC1390G Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
CPC1390
R04
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Peak Blocking Voltage
400
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
100
mW
Total Package Dissipation 2
550
mW
Isolation Voltage, Input to Output
5000
V
rms
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate Linearly 1.33 mW/ºC
2 Derate Linearly 3.00 mW/ºC
Electrical absolute maximum ratings are at 25ºC
Absolute Maximum Ratings
Electrical Characteristics
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous
-
I
L
-
-
140
mA
Peak
t=10ms
I
LPK
-
-
400
On-Resistance
I
L=140mA
R
ON
-14
22
Ω
Off-State Leakage Current
V
L=400V
I
LEAK
--
1
μA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
1
ms
Turn-Off
T
OFF
-
-
0.5
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=140mA
I
F
-
0.7
2
mA
Input Dropout Current
-
I
F
0.2
0.65
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
μA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com