Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1393 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1393
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1393 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1393 Datasheet HTML 1Page - Clare, Inc. CPC1393 Datasheet HTML 2Page - Clare, Inc. CPC1393 Datasheet HTML 3Page - Clare, Inc. CPC1393 Datasheet HTML 4Page - Clare, Inc. CPC1393 Datasheet HTML 5Page - Clare, Inc. CPC1393 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1393
www.clare.com
3
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
CPC1393
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
35
30
25
20
15
10
5
0
34.3
34.9
35.5
36.1
34.6
35.2
35.8
CPC1393
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=90mADC)
On-resistance (
Ω)
35
30
25
20
15
10
5
0
777
787
797
807
782
792
802
Blocking Voltage (V
P)
CPC1393
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
0.54
0.56
0.58
0.53
0.55
0.57
0.59
LED Current (mA)
25
20
15
10
5
0
CPC1393
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=90mADC)
25
20
15
10
5
0
0.34
0.36
0.38
0.33
0.35
0.37
0.39
LED Current (mA)
CPC1393
Typical I
F for Switch Dropout
(N=50, T
A=25ºC, IL=90mADC)
0.64
0.72
0.80
0.88
0.68
0.76
0.84
Turn-On (ms)
25
20
15
10
5
0
CPC1393
Typical Turn-On Time
(N=50, T
A=25ºC, IL=90mADC, IF=2mA)
0.22
0.26
0.30
0.28
0.24
Turn-Off (ms)
35
30
25
20
15
10
5
0
CPC1393
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=90mADC, IF=2mA)
100
90
80
70
60
50
40
30
20
10
CPC1393
Typical Load Current vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
-40
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
CPC1393
Typical Leakage vs. Temperature
(Measured Across Pins 3 & 4)
Temperature (ºC)
-40
950
900
850
800
750
700
650
600
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1393
Typical Blocking Voltage
vs. Temperature
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
CPC1393
Typical Turn-On vs. Temperature
(I
L=70mADC)
I
F=5mA
Temperature (ºC)
I
F=10mA
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
CPC1393
Typical Turn-Off vs. Temperature
(I
L=70mADC, IF=5mA)
Temperature (ºC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com