Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC3703 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC3703
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3703 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC3703 Datasheet HTML 1Page - Clare, Inc. CPC3703 Datasheet HTML 2Page - Clare, Inc. CPC3703 Datasheet HTML 3Page - Clare, Inc. CPC3703 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
DS-CPC3703-R03
1
CPC3703
N-Channel Depletion-Mode
Vertical DMOS FETs
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC3703C
SOT89 (100/Tube)
CPC3703CTR
SOT89 (2000/Reel)
BV
DSX/
BV
DGX
R
DS(ON)
(max)
I
DSS (min)
Package
250V
4
Ω
360mA
SOT-89
Applications
Features
Description
Ordering Information
Circuit Symbol
• Ignition Modules
• Normally-on Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• Depletion mode device offers low R
DS(ON) at cold
temperatures
• Low on resistance 4 ohms max. at 25ºC
• High input impedance
• High breakdown voltage 250V
• Low V
GS(off) voltage -1.6 to -3.9V
• Small package size SOT89
The CPC3703 is an N-channel, depletion mode, field
effect transistor (FET) that utilizes Clare’s proprietary
third-generation vertical DMOS process. The
third-generation process realizes world class, high
voltage MOSFET performance in an economical
silicon gate process. Our vertical DMOS process
yields a robust device, with high input impedance,
for use in high-power applications. The CPC3703
is a highly reliable FET device that has been used
extensively in Clare’s Solid State Relays for industrial
and telecommunications applications.
This device excels in power applications that require
low drain-source resistance, particularly in cold
environments such as automotive ignition modules.
The CPC3703 offers a low, 4
Ω maximum, on-state
resistance at 25ºC.
The CPC3703 has a minimum breakdown voltage of
250V, and is available in an SOT89 package. As with
all MOS devices, the FET structure prevents thermal
runaway and thermal-induced secondary breakdown.
(SOT89)
G
D
S
D
D
S
G
Package Pinout


Similar Part No. - CPC3703

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3703 CLARE-CPC3703 Datasheet
112Kb / 5P
N-Channel Depletion-Mode Vertical DMOS FET
logo
IXYS Corporation
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
logo
Clare, Inc.
CPC3703C CLARE-CPC3703C Datasheet
112Kb / 5P
N-Channel Depletion-Mode Vertical DMOS FET
logo
IXYS Corporation
CPC3703C IXYS-CPC3703C Datasheet
118Kb / 5P
Depletion-Mode FET
logo
Clare, Inc.
CPC3703CTR CLARE-CPC3703CTR Datasheet
112Kb / 5P
N-Channel Depletion-Mode Vertical DMOS FET
More results

Similar Description - CPC3703

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2624 SUTEX-DN2624 Datasheet
54Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com