Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC3714C Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC3714C
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3714C Datasheet(HTML) 2 Page - Clare, Inc.

  CPC3714C Datasheet HTML 1Page - Clare, Inc. CPC3714C Datasheet HTML 2Page - Clare, Inc. CPC3714C Datasheet HTML 3Page - Clare, Inc. CPC3714C Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
2
CPC3714C
R00A.5
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics
Parameter
Ratings
Units
Drain-to-Source Voltage
350
V
Gate-to-Source Voltage
±20
V
Total Package Dissipation
1.61
W
Operational Temperature
-55 to +125
º
C
Storage Temperature
-55 to +125
º
C
1 Mounted on FR4 board 1"x1"x0.062"
Package
I
D (continuous)
I
D (pulsed)
Power Dissipation @TA=25ºC
θjcºC/W
I
DR
I
DRM
SOT-89
240mA
600mA
1.6W1
15
240mA
600mA
1 Mounted on FR4 board 1"x1"x0.062"
Thermal Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Drain-to-Source Breakdown Voltage
BV
DSX
V
GS= -5V, ID=100µA
350
-
-
V
Gate-to-Source Off Voltage
V
GS(off)
I
DS= 15V, ID=1mA
-1.6
-
-3.9
V
Change in V
GS(off) with Temperatures
d
VGS(off)/dT
V
DS= 15V, ID=1mA
-
-
4.5
mV/ºC
Gate Body Leakage Current
I
GSS
V
GS=±20V, VDS=0V
-
-
100
nA
Drain-to-Source Leakage Current
I
D(off)
V
GS= -5V, VDS=Max Rating
-
-
1
µA
V
GS= -5V, VDS=0.8 Max Rating TA=125ºC
-
-
1
mA
Saturated Drain-to-Source Current
I
DSS
V
GS= 0V, VDS=15V
240
-
-
mA
Static Drain-to-Source ON-State Resistance
R
DS(on)
V
GS= 0V, ID=240mA
-
-
14
Ω
Change in RDS(on) with Temperatures
dR
DS(on)/dT
V
GS= 0V, ID=240mA
-
-
1.1
%/ºC
Forward Transconductance
G
FS
I
D= 100mA, VDS = 10V
225
-
-
m
Input Capacitance
C
ISS
V
GS= -5V
V
DS= 25V
f= 1Mhz
-
45
100
pF
Common Source Output Capacitance
C
OSS
10
60
Reverse Transfer Capacitance
C
RSS
2
40
Turn-ON Delay Time
t
d(on)
V
DD= 25V
I
D= 150mA
V
GS= 0V to -10V
R
GEN= 50Ω
-
20
-
ns
Rise Time
t
r
10
Turn-OFF Delay Time
t
d(off)
20
Fall time
t
f
50
Source-Drain Diode Voltage Drop
V
SD
V
GS= -5V, ISD= 150mA
-
0.6
1.8
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com