Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5622ATR Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC5622ATR
Description  LITELINK짰 III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5622ATR Datasheet(HTML) 3 Page - Clare, Inc.

  CPC5622ATR Datasheet HTML 1Page - Clare, Inc. CPC5622ATR Datasheet HTML 2Page - Clare, Inc. CPC5622ATR Datasheet HTML 3Page - Clare, Inc. CPC5622ATR Datasheet HTML 4Page - Clare, Inc. CPC5622ATR Datasheet HTML 5Page - Clare, Inc. CPC5622ATR Datasheet HTML 6Page - Clare, Inc. CPC5622ATR Datasheet HTML 7Page - Clare, Inc. CPC5622ATR Datasheet HTML 8Page - Clare, Inc. CPC5622ATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CPC5622
R02
www.clare.com
3
1. Electrical Specifications
1.1 Absolute Maximum Ratings
Unless otherwise specified all specifications are at
25
°C and V
DD=5.0V.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Minimum
Maximum
Unit
VDD
-0.3
6
V
Logic Inputs
-0.3
VDD + 0.3
V
Continuous Tip to Ring
Current (RZDC = 5.2Ω)
-150
mA
Total Package Power
Dissipation
-1
W
Isolation Voltage
-
3000
Vrms
Operating temperature
-40
+85
°C
Storage temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com