Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7232K Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC7232K
Description  8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7232K Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC7232K Datasheet HTML 2Page - Clare, Inc. CPC7232K Datasheet HTML 3Page - Clare, Inc. CPC7232K Datasheet HTML 4Page - Clare, Inc. CPC7232K Datasheet HTML 5Page - Clare, Inc. CPC7232K Datasheet HTML 6Page - Clare, Inc. CPC7232K Datasheet HTML 7Page - Clare, Inc. CPC7232K Datasheet HTML 8Page - Clare, Inc. CPC7232K Datasheet HTML 9Page - Clare, Inc. CPC7232K Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CPC7232
6
www.clare.com
R00E
1.7 Electrical Characteristics
1.7.1 Switch Characteristics (over recommended operating conditions unless otherwise noted)
Parameter
Symbol
Test Conditions
0°C
+25°C
+70°C
Units
min
max
min
typ
max
min
max
Small signal switch on-resistance
RONS
VPP=40V, VNN=-160V, ISW=5mA
-
30
-
26
38
-
48
Ω
VPP=40V, VNN=-160V, ISW=200mA
-
25
-
22
27
-
32
VPP=100V, VNN=-100V, ISW=5mA
-
25
-
22
27
-
30
VPP=100V, VNN=-100V, ISW=200mA
-
18
-
18
24
-
27
VPP=160V, VNN=-40V, ISW=5mA
-
23
-
20
25
-
30
VPP=160V, VNN=-40V, ISW=200mA
-
22
-
16
25
-
27
Small signal switch
on-resistance matching
ΔR
ONS
ISW=5mA, VPP=100V, VNN=-100V
-20-
5
20-20
%
Large signal switch on-resistance
RONL
VSW=VPP-10V, ISW=0.8A
---
15
---
Ω
Output bleed resistors
RINT
Output switch to RGND, IRINT=0.5mA
-
-
20
35
50
-
-
k
Ω
Switch off leakage per switch
ISOL
VSW=VPP-10V and VNN+10V
-5
-
0.4
10
-
15
μA
DC offset, switch off
-
RL=100kΩ
-
100
-
0
100
-
100
mV
DC offset, switch on
-
RL=100kΩ
-
100
-
0
100
-
100
Switch output peak current
-
VSW duty cycle = 0.1%
----
0.8
-
-
A
Output switch frequency
fSW
Duty cycle = 50%
----
50
--
kHz
Maximum VSW slew rate
dV/dt
VPP=160V, VNN=-40V
-20-
-20-20
V/ns
VPP=100V, VNN=-100V
VPP=40V, VNN=-160V
Off isolation
KO
f=5MHz, 1k
Ω/15pF load
-30
-
-30
-33
-
-30
-
dB
f=5MHz, 50
Ω load
-58
-
-58
-
-
-58
-
Switch crosstalk
KCR
f=5MHz, 50
Ω load
-60
-
-60
-
-
-60
-
dB
Output switch isolation diode
current
IID
300ns pulse width, 2.0% duty cycle
-
300
-
-
300
-
300
mA
Off capacitance, SW to GND
CSG(OFF) VSW=0V, 1MHz
5
17
5
21
25
5
20
pF
On capacitance, SW to GND
CSG(ON) VSW=0V, 1MHz
25
40
20
30
40
25
50
Output voltage spike
+VSPK
VPP=40V, VNN=-160V, RL=50Ω
----
150
-
-
mV
-VSPK
+VSPK
VPP=100V, VNN=-100V, RL=50Ω
-VSPK
+VSPK
VPP=160V, VNN=-40V, RL=50Ω
-VSPK
Charge injection
Q
VPP=100V, VNN=-100V, VSW=0V
-880
-
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com