Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7592MATR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7592MATR
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7592MATR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7592MATR Datasheet HTML 1Page - Clare, Inc. CPC7592MATR Datasheet HTML 2Page - Clare, Inc. CPC7592MATR Datasheet HTML 3Page - Clare, Inc. CPC7592MATR Datasheet HTML 4Page - Clare, Inc. CPC7592MATR Datasheet HTML 5Page - Clare, Inc. CPC7592MATR Datasheet HTML 6Page - Clare, Inc. CPC7592MATR Datasheet HTML 7Page - Clare, Inc. CPC7592MATR Datasheet HTML 8Page - Clare, Inc. CPC7592MATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RoHS
2002/95/EC
e3
Pb
DS-CPC7592 - R03
www.clare.com
1
CPC7592
Line Card Access Switch
Features
TTL logic level inputs for 3.3V logic interfaces
Smart logic for power up / hot plug state control
Small 16-pin SOIC or 16-Pin DFN Package
DFN package printed-circuit board footprint is 60
percent smaller than the SOIC version, 70 percent
smaller than 4th generation EMR solutions.
Monolithic IC reliability
Low matched R
ON
Eliminates the need for zero cross switching
Flexible switch timing to transition from ringing mode
to talk mode.
Clean, bounce-free switching
Tertiary protection consisting of integrated current
limiting, voltage clamping, and thermal shutdown for
SLIC protection
5 V operation with power consumption < 10 mW
Intelligent battery monitor
Latched logic-level inputs, no external drive circuitry
required
Applications
VoIP Gateways
Central office (CO)
Digital Loop Carrier (DLC)
PBX Systems
Digitally Added Main Line (DAML)
Hybrid Fiber Coax (HFC)
Fiber in the Loop (FITL)
Pair Gain System
Channel Banks
Description
The CPC7592 is a member of Clare’s next generation
Line Card Access Switch family. This monolithic 6-pole
solid-state switch is available in either a 16-pin SOIC
or a 16-pin DFN package. It provides the necessary
functions to replace two 2-Form-C electro-mechanical
relays used on traditional analog and contemporary
integrated voice and data (IVD) line cards found in
Central Office, Access, and PBX equipment. Because
this device contains solid state switches for tip and ring
line break, ringing injection/return and test access it
requires only a +5V supply for operation and
logic-level inputs for control.
The CPC7592 is very similar to the Clare CPC7582
with the addition of controlled start-up states and TTL
compatible logic inputs.
The CPC7592xC logic provides alternative test states
from the CPC7592xA/B and while also providing
greater protection SCR trigger and hold current
ratings.
Ordering Information
Figure 1. CPC7592 Block Diagram
CPC7592 x x xx
B - 16-pin SOIC delivered 50/Tube, 1000/Reel
M - 16-pin DFN delivered 52/Tube, 1000/Reel
A - With Protection SCR
B - Without Protection SCR
C - With Protection SCR and “Monitor Test State”
TR - Add for Tape & Reel Version
CPC7592 part numbers are specified as shown here:
CPC7592
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TEST
IN
RINGING
T
SD
LATCH
3
5
4
14
2
6
7
8
16
1
13
12
15
9
10
11
L
A
T
C
H
Switch
Control
Logic
+5V
DC
SLIC
X
X
X
X
X
XSW5
SW6
SW2
SW4
T
TEST
RINGING
300
(min.)
Ω
R
TEST
T
RINGING
SW3
SW1
V
BAT
Secondary
Protection
Tip
Ring
R
RINGING
SCR Trip Circuit
(CPC7592xA/C)


Similar Part No. - CPC7592MATR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7592 IXYS-CPC7592 Datasheet
262Kb / 19P
Eliminates the need for zero cross switching
CPC7592BA IXYS-CPC7592BA Datasheet
1Mb / 19P
Line Card Access Switch
CPC7592BA IXYS-CPC7592BA Datasheet
262Kb / 19P
Eliminates the need for zero cross switching
CPC7592BATR IXYS-CPC7592BATR Datasheet
1Mb / 19P
Line Card Access Switch
CPC7592BATR IXYS-CPC7592BATR Datasheet
262Kb / 19P
Eliminates the need for zero cross switching
More results

Similar Description - CPC7592MATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com