Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7691BA Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC7691BA
Description  Line Card Access Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7691BA Datasheet(HTML) 4 Page - Clare, Inc.

  CPC7691BA Datasheet HTML 1Page - Clare, Inc. CPC7691BA Datasheet HTML 2Page - Clare, Inc. CPC7691BA Datasheet HTML 3Page - Clare, Inc. CPC7691BA Datasheet HTML 4Page - Clare, Inc. CPC7691BA Datasheet HTML 5Page - Clare, Inc. CPC7691BA Datasheet HTML 6Page - Clare, Inc. CPC7691BA Datasheet HTML 7Page - Clare, Inc. CPC7691BA Datasheet HTML 8Page - Clare, Inc. CPC7691BA Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CPC7691
4
PRELIMINARY
R00E
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25
°C.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1.5 General Conditions
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing
requirements.
Typical values are characteristic of the device at
+25
°C and are the result of engineering evaluations.
They are provided for information purposes only and
are not part of the manufacturing testing requirements.
Specifications cover the operating temperature range
TA = -40°C to +85°C. Also, unless otherwise specified
all testing is performed with VDD = 5Vdc, logic low
input voltage is 0Vdc and logic high voltage is 5Vdc.
Parameter
Minimum Maximum
Unit
+5 V power supply (VDD)
-0.3
7
V
Battery Supply
-
-85
V
DGND to FGND Separation
-5
+5
V
Logic input voltage
-0.3
VDD + 0.3
V
Logic input to switch output
isolation
-320
V
Switch open-contact
isolation (SW1, SW2, SW3)
-320
V
Switch open-contact
isolation (SW4)
-465
V
Operating relative humidity
5
95
%
Operating temperature
-40
+110
°C
Storage temperature
-40
+150
°C
ESD Rating (Human Body Model)
1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com