Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITC107PTR Datasheet(PDF) 2 Page - Clare, Inc.

Part # ITC107PTR
Description  Integrated Telecom Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

ITC107PTR Datasheet(HTML) 2 Page - Clare, Inc.

  ITC107PTR Datasheet HTML 1Page - Clare, Inc. ITC107PTR Datasheet HTML 2Page - Clare, Inc. ITC107PTR Datasheet HTML 3Page - Clare, Inc. ITC107PTR Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
2
ITC107P
Rev. 1.2
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Condition
Symbol
Min
Typ
Max
Units
Photodarlington Portion
Collector-Emitter Breakdown voltage
I
C = 100uA
B
VCEO
350
-
-
V
Collector Dark Current
V
CE = 200V
I
CEO
-
-
100
nA
Collector Emitter Saturation Voltage
I
C = 100mA
V
CE(S)
-
-
1.2
V
I
B = 150uA
Current Gain
Hfe
I
C= 40mA VCE =2V
2500
-
40000
-
LED Input control Current
-
I
F
5-
50
mA
LED input Voltage Drop
I
F = 5mA
V
F
0.9
1.2
1.4
V
LED Reverse Input Voltage
-
V
R
--
5
V
LED Reverse Input Current
I
R = 5V
I
R
--
10
mA
Phototransistor Portion
Phototransitor Blocking Voltage
I
C = 10uA
B
VCEO
20
50
-
V
Phototransistor Dark Current
V
CC = 5V
I
CEO
-
50
500
mA
I
F = 0mA
Saturation Voltage
I
C = 2mA
V
SAT
-
0.3
0.5
V
I
F = 16mA
Current Transfer Ratio
V
CE = 0.5V
CTR
33
400
-
%
I
F = 6mA
LED Input control Current
V
CE = 0.5V
I
F
6
2
100
mA
I
C = 2mA
LED input Voltage Drop
I
F = 5mA
V
F
0.9
1.2
1.4
V
LED Input Current (Detector must be off)
V
CE = 5V
I
F
525
-
uA
I
C = 10µA
Bridge Rectifier Portion
Reverse Voltage
-
V
RD
-
-
350
V
Forward Voltage Drop
I
FD = 120mA
V
FD
-
-
1.1
V
Parameter
Min
Typ Max Units
Total Package Dissipation
-
-
11
W
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
-
-
+220
°C
(10 Seconds Max.)
1 Above 25˚ derate linerity 8.33mw/˚C
Total Power Dissipation (PD):
P
D=PHOOKSWITCH + PBRIDGE + PDARLINGTON + PLED
P
D=(RDS(on)) (I
2
L) + 2(VF)(IL) + (VCE)(IL) + (VLED)(IF)
WHERE:
R
DS(on)
= Maximum realy on resistance
I
L
= Maximum loop current
V
F
= Maximum diode forward voltage
V
CE
= Maximum voltage collector to emitter
V
LED
= Maximum LED forward voltage
I
F
= Maximum LED current
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com