Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH346IDT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH346IDT
Description  Triple video buffer/filter for HD video applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH346IDT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH346IDT Datasheet HTML 7Page - STMicroelectronics TSH346IDT Datasheet HTML 8Page - STMicroelectronics TSH346IDT Datasheet HTML 9Page - STMicroelectronics TSH346IDT Datasheet HTML 10Page - STMicroelectronics TSH346IDT Datasheet HTML 11Page - STMicroelectronics TSH346IDT Datasheet HTML 12Page - STMicroelectronics TSH346IDT Datasheet HTML 13Page - STMicroelectronics TSH346IDT Datasheet HTML 14Page - STMicroelectronics TSH346IDT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TSH346
Using the TSH346 to drive YC, CVBS, YUV, YPbPr and RGB video components
11/18
Figure 25. Shapes of HD video signals coming from DACs including the synchronization tip
(Y signal)
The TSH346 is used to drive high definition video signals up to 30 MHz. It can drive
components such as YPbPr and RGB where the bottom of the signal is close to zero volts.
An internal input DC value is added to the video signal in order to shift the bottom from GND.
The shift is not based on the average of the signal, but is an analog summation of a DC
component to the video signal. Therefore, no input capacitors are required. This provides a
real advantage in terms of cost and board space.
Under these conditions, it is possible to drive the signal in single supply with no saturation of
the driver against the lower rail.
Because half of the signal is lost through output impedance matching, in order to correctly
drive the video line the shifted signal is multiplied by a gain of +2 or +6 dB.
GN D
(44 t)
27 ns
(2t)
54 ns
(4t)
27 ns
(2t)
(44 t)
300 mV
300 mV
14.8 us (110 0t): 1920/1080i
24.3 us (1800t): 1280/720i
•Fclock=74.25 MHz
•t=1/Fclock=13.5 ns
s yn c .t ip
590 ns
590 ns
Black (30IRE)
AM00827
Image content
White (100IRE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com