Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843SDN Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS843SDN
Description  FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843SDN Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS843SDN Datasheet HTML 6Page - Integrated Device Technology ICS843SDN Datasheet HTML 7Page - Integrated Device Technology ICS843SDN Datasheet HTML 8Page - Integrated Device Technology ICS843SDN Datasheet HTML 9Page - Integrated Device Technology ICS843SDN Datasheet HTML 10Page - Integrated Device Technology ICS843SDN Datasheet HTML 11Page - Integrated Device Technology ICS843SDN Datasheet HTML 12Page - Integrated Device Technology ICS843SDN Datasheet HTML 13Page - Integrated Device Technology ICS843SDN Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
13
ICS843SDNAG REV. A FEBRUARY 19, 2009
Ordering Information
Table 10. Ordering Information
NOTE: Parts that are ordered with an LF suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
843SDNAGLF
SDNAL
“Lead-Free” 8 Lead TSSOP
Tube
0
°C to 70°C
843SDNAGLFT
SDNAL
“Lead-Free” 8 Lead TSSOP
2500 Tape & Reel
0
°C to 70°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications, such as those requiring extended temperature ranges, high reliability or other extraordinary environmental requirements
are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any
IDT product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com