Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CFILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS1893CFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CFILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS1893CFILF Datasheet HTML 6Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 7Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 8Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 9Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 10Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 11Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 12Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 13Page - Integrated Device Technology ICS1893CFILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
ICS1893CF, Rev. J, 08/11/09
August, 2009
10
Chapter 4 Operating Modes Overview
ICS1893CF Data Sheet - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
4.1 Reset Operations
This section first discusses reset operations in general and then specific ways in which the ICS1893CF can
be configured for various reset options.
4.1.1 General Reset Operations
The following reset operations apply to all the specific ways in which the ICS1893CF can be reset, which
are discussed in Section 4.1.2, “Specific Reset Operations”.
4.1.1.1 Entering Reset
When the ICS1893CF enters a reset condition (either through hardware, power-on reset, or software), it
does the following:
1. Isolates the MAC Interface input pins
2. Drives all MAC Interface output pins low
3. Tri-states the signals on its Twisted-Pair Transmit pins (TP_TXP and TP_TXN)
4. Initializes all its internal modules and state machines to their default states
5. Enters the power-down state
6. Initializes all internal latching low (LL), latching high (LH), and latching maximum (LMX) Management
Register bits to their default values
4.1.1.2 Exiting Reset
When the ICS1893CF exits a reset condition, it does the following:
1. Exits the power-down state
2. Latches the Serial Management Port Address of the ICS1893CF into the Extended Control Register,
bits 16.10:6. [See Section 7.11.3, “PHY Address (bits 16.10:6)”.]
3. Enables all its internal modules and state machines
4. Sets all Management Register bits to their default values
5. Enables the Twisted-Pair Transmit pins (TP_TXP and TP_TXN)
6. Resynchronizes both its Transmit and Receive Phase-Locked Loops, which provide its transmit clock
(TXCLK) and receive clock (RXCLK)
7. Releases all MAC Interface pins, which takes a maximum of 640 ns after the reset condition is removed
4.1.1.3 Hot Insertion
As with the ICS189X products, the ICS1893CF reset design supports ‘hot insertion’ of its MII. (That is, the
ICS1893CF can connect its MAC Interface to a MAC while power is already applied to the MAC.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com