Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8524 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8524
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8524 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8524 Datasheet HTML 1Page - Integrated Device Technology ICS8524 Datasheet HTML 2Page - Integrated Device Technology ICS8524 Datasheet HTML 3Page - Integrated Device Technology ICS8524 Datasheet HTML 4Page - Integrated Device Technology ICS8524 Datasheet HTML 5Page - Integrated Device Technology ICS8524 Datasheet HTML 6Page - Integrated Device Technology ICS8524 Datasheet HTML 7Page - Integrated Device Technology ICS8524 Datasheet HTML 8Page - Integrated Device Technology ICS8524 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
8524AY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 1, 2007
1
ICS8524
LOW SKEW, 1-TO-22
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8524 is a low skew, 1-to-22 Differential-
to-HSTL Fanout Buffer and a member of the
HiPerClockS™Family of High Performance Clock
Solutions from ICS. The ICS8524 has two select-
able clock inputs. The CLK, nCLK pair can accept
most standard differential input levels. The PCLK, nPCLK pair
can accept LVPECL, CML, or SSTL input levels. The device is
internally synchronized to eliminate runt pulses on the outputs
during asynchronous assertion/deassertion of the OE pin. The
ICS8524’s low output and part-to-part skew characteristics
make it ideal for workstation, server, and other high performance
clock distribution applications.
FEATURES
• 22 differential HSTL outputs
each with the ability to drive 50
Ω to ground
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, HSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal (LVCMOS, LVTTL,
GTL) to HSTL levels with resistor bias on nCLK input
• Output skew: 80ps (maximum)
• Part-to-part skew: 700ps (maximum)
• Jitter, RMS: 0.04ps (typical)
• LVPECL and HSTL mode operating voltage supply range:V
DD
= 3.3V ± 5%, V
DDO = 1.6V to 2V, GND = 0V
• 0°C to 85°C ambient operating temperature
• Pin compatible with the SY89824L and NB100EP223
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
CLK
nCLK
PCLK
nPCLK
Q0:Q21
nQ0:nQ21
LE
Q
D
CLK_SEL
OE
0
1
22
22
64-Lead TQFP E-Pad
10mm x 10mm x 1.0mm package body
Y package
Top View
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1 2 3 4 5 6
7 8 9 10 11 12 13 14 15 16
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
ICS8524
VDDO
Q14
nQ14
Q15
nQ15
Q16
nQ16
Q17
nQ17
Q18
nQ18
Q19
nQ19
Q20
nQ20
VDDO
VDDO
nQ6
Q6
nQ5
Q5
nQ4
Q4
nQ3
Q3
nQ2
Q2
nQ1
Q1
nQ0
Q0
VDDO


Similar Part No. - ICS8524

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8524AY ICST-ICS8524AY Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8524AYT ICST-ICS8524AYT Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
More results

Similar Description - ICS8524

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com