Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8524AYT Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS8524AYT
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8524AYT Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS8524AYT Datasheet HTML 9Page - Integrated Device Technology ICS8524AYT Datasheet HTML 10Page - Integrated Device Technology ICS8524AYT Datasheet HTML 11Page - Integrated Device Technology ICS8524AYT Datasheet HTML 12Page - Integrated Device Technology ICS8524AYT Datasheet HTML 13Page - Integrated Device Technology ICS8524AYT Datasheet HTML 14Page - Integrated Device Technology ICS8524AYT Datasheet HTML 15Page - Integrated Device Technology ICS8524AYT Datasheet HTML 16Page - Integrated Device Technology ICS8524AYT Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
8524AY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 1, 2007
13
ICS8524
LOW SKEW, 1-TO-22
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
HSTL output driver circuit and termination are shown in
Figure 7.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MIN
/R
L
) * (V
DDO_MAX
- V
OH_MIN
)
Pd_L = (V
OL_MAX
/R
L
) * (V
DDO_MAX
- V
OL_MAX
)
Pd_H = (1V/50
Ω) * (2V - 1V) = 20mW
Pd_L = (0.4V/50
Ω) * (2V - 0.4V) = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32.8mW
FIGURE 7. HSTL DRIVER CIRCUIT AND TERMINATION
V
DDO
V
OUT
RL
50
Ω
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com