Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8524AYLFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8524AYLFT
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8524AYLFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8524AYLFT Datasheet HTML 3Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 4Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 5Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 6Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 7Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 8Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 9Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 10Page - Integrated Device Technology ICS8524AYLFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
8524AY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 1, 2007
7
ICS8524
LOW SKEW, 1-TO-22
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
tsk(o)
nQx
Qx
nQy
nQy
PART-TO-PART SKEW
tsk(pp)
nQx
Qx
nQy
Qy
PART 1
PART 2
OUTPUT RISE/FALL TIME
SCOPE
HSTL
Qx
nQx
V
CMR
Cross Points
V
PP
V
DD
GND
nCLK, nPCLK
CLK, PCLK
0V
3.3V±5%
V
DD
V
DDO
1.8V±0.2V
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
nQ0:nQ21
Q0:Q21
PROPAGATION DELAY
nCLK, nPCLK
CLK, PCLK
nQ0:nQ21
Q0:Q21
t
PD
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
GND
OUTPUT CROSSOVER VOLTAGE
60%
50%
VOX
40%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com