Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4205 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4205
Description  1-A DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4205 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4205 Datasheet HTML 5Page - Infineon Technologies AG TLE4205 Datasheet HTML 6Page - Infineon Technologies AG TLE4205 Datasheet HTML 7Page - Infineon Technologies AG TLE4205 Datasheet HTML 8Page - Infineon Technologies AG TLE4205 Datasheet HTML 9Page - Infineon Technologies AG TLE4205 Datasheet HTML 10Page - Infineon Technologies AG TLE4205 Datasheet HTML 11Page - Infineon Technologies AG TLE4205 Datasheet HTML 12Page - Infineon Technologies AG TLE4205 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TLE 4205
Data Sheet
9
2004-02-25
Note:
V
Sat U
= upper
V
Sat L
= lower
Outputs
Saturation voltage
V
Sat U
–1.35
1.5
V
I
Q = – 0.6 A
Saturation voltage
V
Sat L
–0.8
1.2
V
I
Q = 0.6 A
Forward voltage of
free-wheeling diode
V
FU
–11.5
V
I
F = 0.6 A
Forward voltage of
free-wheeling diode
V
FL
–11.5
V
I
F = 0.6 A;
Slew rate of
V
Q
d
V
qdtr
–0.5
–V/
µs–
Inhibit Input
Switching threshold
high
V
IH
2––V
–
Switching threshold
low
V
IL
––0.8
V
–
H-input current
I
IH
–100
–
µA
V
9 = 5 V
L-input current
I
IH
–0–
µA
V
9 = 0 V
Characteristics (cont’d)
6V <
V
S < 18 V; – 40 °C < Tj < 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com