Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4206G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4206G
Description  1-A DC Motor Driver for Servo Driver Applications TLE 4206G
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4206G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4206G Datasheet HTML 1Page - Infineon Technologies AG TLE4206G Datasheet HTML 2Page - Infineon Technologies AG TLE4206G Datasheet HTML 3Page - Infineon Technologies AG TLE4206G Datasheet HTML 4Page - Infineon Technologies AG TLE4206G Datasheet HTML 5Page - Infineon Technologies AG TLE4206G Datasheet HTML 6Page - Infineon Technologies AG TLE4206G Datasheet HTML 7Page - Infineon Technologies AG TLE4206G Datasheet HTML 8Page - Infineon Technologies AG TLE4206G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PG-DSO-14-22
Data Sheet
1
V1.1 2007-08-10
1-A DC Motor Driver for Servo Driver Applications
TLE 4206G
Overview
Features
• Optimized for headlight beam control applications
• Current-peak-blanking (no electrolytic capacitor at
V
S)
• Delivers up to 0.8 A continuous
• Low saturation voltage
; typ.1.2 V total @ 25 °C; 0.4 A
• Output protected against short circuit
• Overtemperature protection with hysteresis
• Over- and undervoltage lockout
• No crossover current
• Internal clamp diodes
• Enhanced power packages
• Green Product (RoHS compliant)
• AEC Qualified
Type
Ordering Code
Package
TLE 4206G
on request
PG-DSO-14-22
Description
The TLE 4206G is a fully protected H-Bridge Driver designed specifically for automotive
headlight beam control and industrial servo control applications. The part is built using
the Siemens bipolar high voltage power technology DOPL.
The standard enhanced power PG-DSO-14-22 package meets the application
requirements and saves PCB-board space and costs. Moreover the package is RoHS
compliant.
The servo-loop-parameter pos.- and neg. Hysteresis, pos.- and neg. deadband and
angle-amplification are programmable with external resitors.
An internal window-comparator controls the input line. In the case of a fault condition,
like short circuit to GND, short circuit to supply-voltage, and broken wire, the
TLE 4206 stops the motor immediately (brake condition).


Similar Part No. - TLE4206G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4206G SIEMENS-TLE4206G Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4206G INFINEON-TLE4206G Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
More results

Similar Description - TLE4206G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
1-A DC Motor Driver
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
DC Motor Driver for Servo Driver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com