Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4309G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4309G
Description  Adjustable Linear Low Dropout LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4309G Datasheet HTML 1Page - Infineon Technologies AG TLE4309G Datasheet HTML 2Page - Infineon Technologies AG TLE4309G Datasheet HTML 3Page - Infineon Technologies AG TLE4309G Datasheet HTML 4Page - Infineon Technologies AG TLE4309G Datasheet HTML 5Page - Infineon Technologies AG TLE4309G Datasheet HTML 6Page - Infineon Technologies AG TLE4309G Datasheet HTML 7Page - Infineon Technologies AG TLE4309G Datasheet HTML 8Page - Infineon Technologies AG TLE4309G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Type
Package
Marking
TLE4309G
PG-TO263-7-1
TLE4309
Adjustable Linear Low Dropout LED Driver
TLE4309
PG-TO263-7
Datasheet
1
Rev. 1.0, 2007-03-20
Features
•
Adjustable constant current up to 500 mA
•
Operating supply voltage range 4.5 V to 24 V
•
Maximum supply voltage up to 45 V
•
Low dropout voltage
•
PWM / ENABLE input
•
<< 1 µA quiescent current when disabled
•
Overtemperature protection
•
Short circuit proof
•
Reverse polarity protection
•
Operating junction temperature range: -40
°C to 150 °C
•
Suitable for applications up to 85 °C ambient temperature.
•
Green Product (RoHS compliant)
Functional Description
The TLE4309 is an integrated adjustable constant current source for driving loads up to
500 mA. The output current level can be adjusted with an external shunt resistor.
Supplying high power LEDs with the TLE4309 ensures constant brightness independent
from supply voltage or LED forward voltage spread. Therefore, LED lifetime is extended
by protecting from overcurrent and overtemperature
The PWM/EN input permits LED brightness regulation by pulse width modulation.
Setting the pin to “low” switches off the IC entirely. Due to the high impedance of the
PWM/EN input, the TLE4309 can be used as a protected high side switch.
Protection circuits prevent from damage to the IC in case of overload, short circuit, and
reverse polarity. A chip temperature monitoring circuit shuts off the power stage and
prevents the IC from destruction under fault conditions.
In case of negative input voltage, a leakage current is flowing only from the output to the
input, hence the LED are protected against reverse supply. Input voltage peaks up to
45 V are absorbed by the IC, preventing the LEDs from overcurrent.
The TLE4309G is provided in the surface mounted PG-TO-263 package with excellent
thermal resistance.


Similar Part No. - TLE4309G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305 Datasheet
266Kb / 15P
Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305 INFINEON-TLE4305 Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305G INFINEON-TLE4305G Datasheet
266Kb / 15P
Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305G INFINEON-TLE4305G Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
More results

Similar Description - TLE4309G

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
5A Adjustable Low-Dropout Linear Regulator
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
logo
Solid States Devices, I...
SVR1083 SSDI-SVR1083 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear
logo
Anpec Electronics Corop...
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
Adjustable Low Dropout 700mA Linear Regulator
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev 1
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com