Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8735AM-21 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology 8735AM-21 Datasheet HTML 10Page - Integrated Device Technology 8735AM-21 Datasheet HTML 11Page - Integrated Device Technology 8735AM-21 Datasheet HTML 12Page - Integrated Device Technology 8735AM-21 Datasheet HTML 13Page - Integrated Device Technology 8735AM-21 Datasheet HTML 14Page - Integrated Device Technology 8735AM-21 Datasheet HTML 15Page - Integrated Device Technology 8735AM-21 Datasheet HTML 16Page - Integrated Device Technology 8735AM-21 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
13
ICS8735AM-21 REV. A JULY 31, 2008
Schematic Example
Figure 5 shows a schematic example of the ICS8735-21. In this
example, the input is driven by an HCSL driver. The zero delay
buffer is configured to operate at 155.52MHz input and 77.75MHz
output. The logic control pins are configured as follows:
SEL [3:0] = 0101; PLL_SEL = 1
The decoupling capacitors should be physically located near the
power pin. For ICS8735-21.
Figure 5. ICS8735-21 LVPECL Buffer Schematic Example
R7
10
3.3V
SP = Space (i.e. not intstalled)
Zo = 50 Ohm
RU3
1K
SEL3
VCC
SEL1
C1
0.1uF
Bypass capacitors located
near the power pins
R8
50
VCCA
SEL3
C11
0.01u
VCCA
R1
50
VCC
(155.5 MHz)
VCC
SEL[3:0] = 0101,
Divide by 2
VCC
SEL0
RU7
SP
C2
0.1uF
SEL2
VCC
SEL0
SEL2
RD6
SP
(77.75 MHz)
RD7
1K
R9
50
(U1-4) VCC
RU4
1K
R6
50
RD4
SP
Zo = 50 Ohm
Zo = 50 Ohm
R4
50
RU5
SP
LVPECL_input
+
-
(U1-13)
PLL_SEL
R5
50
(U1-17)
HCSL
R2
50
SEL1
Zo = 50 Ohm
RD3
SP
U1
ICS8735-21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
CLK
nCLK
MR
VCCI
nFB_IN
FB_IN
SEL2
VEE
nQFB
QFB
nQ
Q
VCCO
SEL3
VCCA
PLL_SEL
nc
SEL1
SEL0
VCCI
C3
0.1uF
VCC=3.3V
R3
50
RD5
1K
C16
10u
RU6
1K
PLL_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com