Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8264E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8264E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8264E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8264E Datasheet HTML 1Page - Infineon Technologies AG TLE8264E Datasheet HTML 2Page - Infineon Technologies AG TLE8264E Datasheet HTML 3Page - Infineon Technologies AG TLE8264E Datasheet HTML 4Page - Infineon Technologies AG TLE8264E Datasheet HTML 5Page - Infineon Technologies AG TLE8264E Datasheet HTML 6Page - Infineon Technologies AG TLE8264E Datasheet HTML 7Page - Infineon Technologies AG TLE8264E Datasheet HTML 8Page - Infineon Technologies AG TLE8264E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
Data Sheet
5
Rev. 1.0, 2009-03-31
TLE8264E
HERMES Overview
HS CAN Transceiver
•
Compliant to ISO 11898-2 and 11898-5 as well as SAE J2284
•
CAN data transmission rate up to 1 MBaud
•
Supplied by dedicated input
V
ccHSCAN
•
Low power mode management
•
Bus wake-up capability via CAN message
•
Excellent EMC performance (very high immunity and very low emission)
•
Bus pins are short circuit proof to ground and battery voltage
•
8 kV ESD gun test on CANH / CANL / SPLIT
•
Bus failure detection
LIN Transceiver
•
LIN2.1 conformance, LIN2.1 is back compatible to LIN1.3 and LIN2.0
•
SAE J2602-2 conformance
•
Compatible to ISO 9141 (K-L-Line)
•
Transmission rate up to 20 kBaud, LIN Flash Mode 115kBaud
•
8 kV ESD gun test on Bus pins
Voltage Regulators
•
Low-dropout voltage regulator
•
V
cc1µC, 200 mA, 5 V ±2% for external devices, such as microcontroller and RF receiver
•
V
cc2, 200 mA, 5 V ±2% for external devices or the internal HS CAN cell
•
V
cc3, current limitation by shunt resistor (up to 400 mA with 220 mΩ shunt resistor), 5 V ±4% with external PNP
transistor; for example: to supply additional external CAN transceivers
•
V
cc1µC, undervoltage Time-out
Supervision
•
Reset output with integrated pull-up resistor
•
Time-out or Window Watchdog, SPI configured
•
Watchdog Timer from 16 ms to 1024 ms
•
Check sum bit for Watchdog configuration
•
Reset due to Watchdog failure can be inhibited with Test pin (SBC SW Development Mode)
Interrupt Management
•
Complete enabling / disabling of interrupt sources
•
Timing filter mechanism to avoid multiple / infinite Interrupt signals
Limp Home
•
Open drain Limp Home outputs
•
Dedicated internal logic supply
•
Maximum safety architecture for Safety Operation Mode
•
Configurable Fail-Safe behavior
•
Dedicated side indicators signal 1.25Hz 50% duty cycle
•
Dedicated PWM signal 100Hz 20% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com