Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8366EV Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8366EV
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8366EV Datasheet HTML 11Page - Infineon Technologies AG TLE8366EV Datasheet HTML 12Page - Infineon Technologies AG TLE8366EV Datasheet HTML 13Page - Infineon Technologies AG TLE8366EV Datasheet HTML 14Page - Infineon Technologies AG TLE8366EV Datasheet HTML 15Page - Infineon Technologies AG TLE8366EV Datasheet HTML 16Page - Infineon Technologies AG TLE8366EV Datasheet HTML 17Page - Infineon Technologies AG TLE8366EV Datasheet HTML 18Page - Infineon Technologies AG TLE8366EV Datasheet HTML 19Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data sheet
16
Rev. 1.0, 2009-05-18
TLE8366
Application Information
8.5
Adjustable Output Voltage Device
Figure 7
Application Diagram TLE8366EV
Note: This is a very simplified example of an application circuit. The function must be verified in the real application
The output voltage of the TLE8366EV can be programmed by a voltage divider connected to the feedback pin FB.
The divider cross current should be 300 µA at minimum, therefore the maximum
R
2 calculates:
R
2 ≤ VFB / IR2
-->
R
2 ≤ 0.6V / 300 µA = 2 kΩ
For the desired output voltage level
V
CC, R1 calculates then (neglecting the small FB input current):
Add a 0.5 nF capacitor close to FB pin.
VBatt
VOUT
D1
LI
22…47µH
Ignition Key
Terminal 15
LBU
CBU1
DBU
47µH
100µF
CBU2
220nF
220nF
CBOT
R1
R2
8
2
GND
Biasing &
Enable
Oscillator
7
4
Buck
Converter
6
FB
BUO
3
COMP
TLE8366EV
1
SYNC
5
BDS
EN
VS
Over
Temperature
Shutdown
Feedforward
Soft start ramp
generator
Bandgap
Reference
CCOMP
Charge Pump
RCOMP
ApplicationDiagram _8366 -var.vsd
CFB
R1
R2
VCC
VFB
---------- 1
–

 .
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com