Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3027 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM3027
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM3027 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM3027 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
R
EM3027
Copyright © 2009, EM Microelectronic-Marin SA
12/09 – rev D
7
www.emmicroelectronic.com
4.3
Crystal Thermal Behaviour
The frequency of the crystal is dependent on the
temperature concurring with the following diagram:
Figure 1: Crystal thermal behaviour
TO – Turnover temperature [°C]
FO – Crystal frequency when TO [Hz]
The following formula expresses a compensation value
to be used during frequency correction.
XtalOffset
2
To)
(T
Qcoef
COMP_val
×
=
Qcoef
– Thermal quadratic coefficient [ppm/°C
2]
T
– Actual temperature [°C]
TO
– Turnover temperature [°C]
XtalOffset
– Crystal offset at TO [ppm]
COMP_val
– Compensation value result [ppm]
The oscillator frequency is adjusted according to the
equation above by using coefficients located in the
EEPROM control page and the temperature.
The actual temperature can be obtained from the internal
thermometer or from Temp register updated externally by
an application.
The principle of the frequency compensation is based on
adding/removing of pulses.
Example 1
: Qcoef=0.035; TO=25; XtalOffset=–100
-600
-400
-200
0
200
400
600
-50
0
50
100
150
Temperature
[ppm]
Compensation Value
Crystal Error
Example 2
: Qcoef=0.035; TO=25; XtalOffset=+100
-400
-300
-200
-100
0
100
200
300
400
-50
0
50
100
150
Temperature
[ppm]
Compensation Value
Crystal Error
-400
-300
-200
-100
0
Temperature [°C]
T
O+100
T
O+50
T
O
T
O-50
T
O-100
T [°C]
ΔF
F
O
[ppm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com