Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6156 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6156
Description  5V 120mA Automotive LDO Regulator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6156 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6156 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R
EM6156
Copyright
© 2007, EM Microelectronic-Marin SA
06/07 – rev.A
1
www.emmicroelectronic.com
5V 120mA Automotive LDO Regulator with Watchdog
Description
The EM6156 offers a high level of integration by combining
voltage regulation, voltage monitoring and software
monitoring using a watchdog.
A comparator monitors the voltage applied at the VIN input
comparing it with an internal voltage reference VREF. The
power-on reset function is initialized after VIN reaches
VREF and takes the reset output inactive after a delay
TPOR. The reset output goes active low when the VIN
voltage is less than VREF. The RESET output is guaranteed
to be in a correct state for a regulated output voltage as low
as 1.2V. The watchdog function monitors software cycle
time and execution. If software clears the watchdog too
slowly (incorrect execution) it will cause the system to be
reset.
In EM6156, the voltage regulator has a low dropout voltage
and a low quiescent current. The quiescent current
increases only slightly in dropout prolonging battery life.
Built-in protection includes a positive transient absorber for
up to 45 V (load dump) and the ability to survive an
unregulated input voltage of -42 V (reverse battery). The
input may be connected to ground or to a reverse voltage
without reverse current flowing from the output to the input.
Typical Operating Configuration
Fig. 1
Features
-40°C to +125°C temperature range
Highly accurate 5 V, 120 mA guaranteed output (actual
maximum current depends on power dissipation)
Output voltage tolerance <+/- 3%
Low dropout voltage, typically 250 mV at 100 mA
Unregulated DC input can withstand -42 V reverse
battery and +45 V power transients
Fully operational for unregulated DC input voltage up to
40 V and regulated output voltage down to 3.5 V
No reverse output current
Very low temperature coefficient for the regulated
output
Current limiting
Four threshold voltages (2.9V, 3.0V, 4.4V, 4.6V)
Several timeout reset periods (1.6ms, 25ms, 200ms,
1600ms)
Several watchdog timeout periods (6.2ms, 102ms, 1,6s,
25,6s)
Push pull or Open-drain active-low RESET output
Reset output guaranteed for regulated output voltage
down to 1.2 V
Qualified according to AEC-Q100
Green SO8 Exposed Pad Power Package (RoHS
compliant)
Applications
Automotive systems
Industrial
Home security systems
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6156

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6156K1600TBA-45 EOREX-EM6156K1600TBA-45 Datasheet
239Kb / 12P
256Kx16 LP SRAM
EM6156K1600TBA-45F EOREX-EM6156K1600TBA-45F Datasheet
239Kb / 12P
256Kx16 LP SRAM
EM6156K1600TBA-45I EOREX-EM6156K1600TBA-45I Datasheet
239Kb / 12P
256Kx16 LP SRAM
EM6156K1600TBA-45IF EOREX-EM6156K1600TBA-45IF Datasheet
239Kb / 12P
256Kx16 LP SRAM
EM6156K1600TBA-55 EOREX-EM6156K1600TBA-55 Datasheet
239Kb / 12P
256Kx16 LP SRAM
More results

Similar Description - EM6156

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
RICOH electronics devic...
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
SC82 120mA LDO REGULATOR???
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
SC82 120mA LDO REGULATOR????
Rev. 1.10
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
5V Automotive Regulator with Windowed Watchdog
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
5V Automotive Regulator with Inhibit Input and Windowed Watchdog
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
120mA LDO REGULATOR
April 1, 2012
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
120mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com