Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM68932DVKB Datasheet(PDF) 8 Page - Etron Technology, Inc.

Part # EM68932DVKB
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB Datasheet(HTML) 8 Page - Etron Technology, Inc.

Back Button EM68932DVKB Datasheet HTML 4Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 5Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 6Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 7Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 8Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 9Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 10Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 11Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 12Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
8
Rev. 1.0
Aug. 2009
Burst Mode Operation
Burst Mode operation is used to provide a constant flow of data to memory locations (write cycle) or from
memory locations (read cycle). There are two parameters that define how the Burst Mode operates.
These parameters include Burst Type and Burst Length and are programmed by addresses A0~A3 during
the Mode Register Set command. Burst Type is used to define the sequence in which the burst data will
be delivered from or stored to the DDR SDRAM. Two types of burst sequences are supported, Sequential
and Interleaved. See the table below. The Burst Length controls the number of bits that will be output after
a read command, or the number of bits to be input after a write command. The Burst Length can be
programmed to have a value of 2, 4, or 8.
Table 5.Burst Definition
Start Address
Burst
Length
A3
A2
A1
A0
Sequential
Interleave
X
X
X
0
0,1
0,1
2
X
X
X
1
1,0
1,0
X
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
X
1
0
2, 3, 0, 1
2, 3, 0, 1
4
X
X
1
1
3, 0, 1, 2
3, 2, 1, 0
X
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
X
0
0
1
1, 2, 3,4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
X
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
X
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
X
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
X
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
X
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
8
X
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com