Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9G45 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT91SAM9G45
Description  AT91 ARM Thumb-based Microcontrollers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT91SAM9G45 Datasheet HTML 45Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 46Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 47Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 48Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 49Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 50Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 51Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 52Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
49
6438CS–ATARM–13-Oct-09
AT91SAM9G45
• MII or RMII interface to the physical layer
• Register Interface to address, data, status and control registers
• DMA Interface, operating as a master on the Memory Controller
• Interrupt generation to signal receive and transmit completion
• 128-byte transmit and 128-byte receive FIFOs
• Automatic pad and CRC generation on transmitted frames
• Address checking logic to recognize four 48-bit addresses
• Supports promiscuous mode where all valid frames are copied to memory
• Supports physical layer management through MDIO interface
• Supports Wake On Lan. The receiver supports Wake on LAN by detecting the following
events on incoming receive frames:
– Magic packet
– ARP request to the device IP address
– Specific address 1 filter match
– Multicast hash filter match
10.14 Image Sensor Interface (ISI)
• ITU-R BT. 601/656 8-bit mode external interface support
• Support for ITU-R BT.656-4 SAV and EAV synchronization
• Vertical and horizontal resolutions up to 2048 x 2048
• Preview Path up to 640*480
• Support for packed data formatting for YCbCr 4:2:2 formats
• Preview scaler to generate smaller size image
10.15 8-channel DMA (DMA)
• Acting as two Matrix Masters
• Embeds 8 unidirectional channels with programmable priority
• Address Generation
– Source/Destination address programming
– Address increment, decrement or no change
– DMA chaining support for multiple non-contiguous data blocks through use of linked
lists
– Scatter support for placing fields into a system memory area from a contiguous
transfer. Writing a stream of data into non-contiguous fields in system memory
– Gather support for extracting fields from a system memory area into a contiguous
transfer
– User enabled auto-reloading of source, destination and control registers from initially
programmed values at the end of a block transfer
– Auto-loading of source, destination and control registers from system memory at end
of block transfer in block chaining mode
– Unaligned system address to data transfer width supported in hardware
• Channel Buffering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com