Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB1286 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90USB1286
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1286 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90USB1286 Datasheet HTML 1Page - ATMEL Corporation AT90USB1286 Datasheet HTML 2Page - ATMEL Corporation AT90USB1286 Datasheet HTML 3Page - ATMEL Corporation AT90USB1286 Datasheet HTML 4Page - ATMEL Corporation AT90USB1286 Datasheet HTML 5Page - ATMEL Corporation AT90USB1286 Datasheet HTML 6Page - ATMEL Corporation AT90USB1286 Datasheet HTML 7Page - ATMEL Corporation AT90USB1286 Datasheet HTML 8Page - ATMEL Corporation AT90USB1286 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 135 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-Chip 2-cycle Multiplier
• Non-volatile Program and Data Memories
– 64/128K Bytes of In-System Self-Programmable Flash
• Endurance: 100,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
• USB Bootloader programmed by default in the Factory
• In-System Programming by On-chip Boot Program hardware activated after
reset
• True Read-While-Write Operation
• All supplied parts are preprogramed with a default USB bootloader
– 2K/4K (64K/128K Flash version) Bytes EEPROM
• Endurance: 100,000 Write/Erase Cycles
– 4K/8K (64K/128K Flash version) Bytes Internal SRAM
– Up to 64K Bytes Optional External Memory Space
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• USB 2.0 Full-speed/Low-speed Device and On-The-Go Module
– Complies fully with:
– Universal Serial Bus Specification REV 2.0
– On-The-Go Supplement to the USB 2.0 Specification Rev 1.0
– Supports data transfer rates up to 12 Mbit/s and 1.5 Mbit/s
• USB Full-speed/Low Speed Device Module with Interrupt on Transfer Completion
– Endpoint 0 for Control Transfers : up to 64-bytes
– 6 Programmable Endpoints with IN or Out Directions and with Bulk, Interrupt or
Isochronous Transfers
– Configurable Endpoints size up to 256 bytes in double bank mode
– Fully independant 832 bytes USB DPRAM for endpoint memory allocation
– Suspend/Resume Interrupts
– Power-on Reset and USB Bus Reset
– 48 MHz PLL for Full-speed Bus Operation
– USB Bus Disconnection on Microcontroller Request
• USB OTG Reduced Host :
– Supports Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
for OTG dual-role devices
– Provide Status and control signals for software implementation of HNP and SRP
– Provides programmable times required for HNP and SRP
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– Two16-bit Timer/Counter with Separate Prescaler, Compare- and Capture Mode
8-bit
Microcontroller
with
64/128K Bytes
of ISP Flash
and USB
Controller
AT90USB646
AT90USB647
AT90USB1286
AT90USB1287
Summary
7593KS–AVR–11/09


Similar Part No. - AT90USB1286

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB1286 ATMEL-AT90USB1286 Datasheet
3Mb / 435P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1286 ATMEL-AT90USB1286 Datasheet
4Mb / 459P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB1286 ATMEL-AT90USB1286 Datasheet
11Mb / 456P
8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
AT90USB1286 ATMEL-AT90USB1286 Datasheet
11Mb / 456P
Optional Boot Code section with independent lock bits
AT90USB1286-16MU ATMEL-AT90USB1286-16MU Datasheet
3Mb / 434P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results

Similar Description - AT90USB1286

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90USB646_0607 ATMEL-AT90USB646_0607 Datasheet
3Mb / 435P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
466130 ATMEL-466130 Datasheet
489Kb / 36P
8-bit Microcontroller with 64/128K Bytes of ISP Flash
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com