Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny43U-MU Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATtiny43U-MU Datasheet HTML 8Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 9Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 10Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 11Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 12Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 13Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 14Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 15Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
8048BS–AVR–03/09
ATtiny43U
8.
Errata
The revision letter in this section refers to the revision of the ATtiny43U device.
8.1
ATtiny43U
8.1.1
Rev. C
• Increased Probability of Boost Converter Entering Active Low Current Mode
1.
Increased Probability of Boost Converter Entering Active Low Current Mode
The boost converter may enter and stay in Active Low Current Mode at supply voltages and
load currents higher than those specified. This is due to high switching currents in bonding
wires of the SOIC package. Devices packaged in MLF are not affected.
Problem Fix / Workaround
Add a 1.5nF capacitor between pins LSW and GND of the SOIC package. Also, increase the
value of the by-pass capacitor between pins V
CC and GND to at least 30µF.
Alternatively, use the device in MLF, without modifications.
8.1.2
Rev. B
Not sampled.
8.1.3
Rev. A
Not sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com